Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVZ3G103C01R02 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # PVZ3G103C01R02
Description  TRIMMER POTENTIOMETER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ3G103C01R02 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button PVZ3G103C01R02 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SPECIFICATION No. JVR03Z-7148B
7/12
UNCONTROLLED
COPY
REFERENCE ONLY
7. Caution for Using
7.1 Mounting the product
Please use a pick-up nozzle with 2.5 to 2.8mm outer dia., 2mm inner dia.
7.2 Soldering
(1) Standard soldering condition for lead-free solder (96.5Sn-3.0Ag-0.5Cu)
Before using other soldering conditions than those listed above, please consult with a Murata factory
representative prior to using. If the soldering conditions are not suitable, e.g., excessive time and/or
excessive temperature, the trimmer potentiometer may deviate from the specified characteristics.
(2) The amount of solder is critical. The thickness of solder paste should be printed from 100
µm to 150µm
and the dimension of land pattern should be used Murata’s standard land pattern at re-flow soldering.
Insufficient amounts of solder can lead to insufficient soldering strength on the PCB.
Excessive amounts of solder may cause the bridging between the terminals or the contact failure due
to flux wicking up.
(3) The soldering iron should not come in contact with the resin substrate of the trimmer potentiometer.
If such contact does occur, the trimmer potentiometer may be damaged.
(4) PVZ3 series can not be flow soldering. If you use the flow soldering method, the trimmer potentiometer
may not function.
(5) Trimmer potentiometer is designed for the purpose of soldering. If you intend to connect with conductive
adhesive or other method, please consult with a Murata factory representative prior to using.
7.3 Cleaning
In case there is flux on the resistive element, clean sufficiently by cleaning solvents and remove all residual
flux perfectly. When cleaning the trimmer potentiometer, only use Isopropyl-alcohol and Ethyl-alcohol.
If you use any other types of solvents, please evaluate performance by your set. Moreover, please confirm
no damage for trimmer potentiometer after cleaning by your conditions.
7.4 Adjusting
(1) PVZ3 series dose not have a mechanical stop for over rotation, so please use within the effective
rotational angle. The #2 terminal is opened electrically out of effective rotational angle.
(2) Please use suitable screwdrivers that fit comfortably in driver slot. We recommend the screwdrivers
below.
(3) When using a lock paint to fix adjustment position, please evaluate performance by your set.
Lock paint may become the cause of corrosion and contact fault.
Soldering iron
Temperature of tip
Diameter
Soldering time
Wattage of iron
: 360°C max.
: 2mm max.
: 3 sec. max.
: 30W max.
Manufactures
Model Number
MURATA Model Number
VESSEL MFG.
NO.9000+1.7x30
KMDR080
VESSEL MFG.
NO.9000 1.8x30
KMDR110
60 to 120 sec.
30 to 60 sec.
Time
0
100
180
245
Pre-heating(in the air)
Soldering
Gradual cooling
(in the air)
Reflow soldering
150
220
(Melting zone)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com