Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVZ3G103C01R02 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # PVZ3G103C01R02
Description  TRIMMER POTENTIOMETER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ3G103C01R02 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button PVZ3G103C01R02 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SPECIFICATION No. JVR03Z-7148B
9/12
UNCONTROLLED
COPY
REFERENCE ONLY
9. Outline Dimensions
(Unit: mm)
(Tolerance: ±0.1)
Standard Land Pattern
#2
#1
#3
CIRCUIT
CLOCKWISE
(Wiper Contact)
(Unit: mm)
(Tolerance: ±0.3)
1.1
1.0
0.7
1.0
The resistance value should be indicated with two
digits at the OO portions above.
Resistance
value
Indicated by
2 digits
Resistance
value
Indicated by
2 digits
220 ohm
22
33k ohm
34
330 ohm
32
47k ohm
54
470 ohm
52
68k ohm
64
680 ohm
62
100k ohm
15
1k ohm
13
150k ohm
05
1.5k ohm
03
220k ohm
25
2.2k ohm
23
330k ohm
35
3.3k ohm
33
470k ohm
55
4.7k ohm
53
680k ohm
65
6.8k ohm
63
1M ohm
16
10k ohm
14
1.5M ohm
06
15k ohm
04
2.2M ohm
26
22k ohm
24
3.1
0.8
0.55
0.55
0.4
1.15±0.10
1.2
0.4
R1
.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com