Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVZ3G103C01R02 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # PVZ3G103C01R02
Description  TRIMMER POTENTIOMETER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ3G103C01R02 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  PVZ3G103C01R02 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPECIFICATION No. JVR03Z-7148B
3/12
UNCONTROLLED
COPY
REFERENCE ONLY
4.2 Mechanical Characteristics
ITEM
SPECIFICATION
TEST
METHOD
Effective Rotational Angle
230°±10° max.
-
Rotational Torque
1.0 to 19.6mN m (Ref; 10 to 200gf cm)
-
Permitted Force to
Driver Plate
No mechanical damages and breaks.
Rotational torque: 1.0 to 14.7mN m (Ref; 10 to 150gf cm)
5.3
Soldering Strength
No electrode peeling
5.4
4.3 Environmental Characteristics
ITEM
SPECIFICATION
TEST
METHOD
High Temperature Exposure
Total resistance change 220 ohm<=R<=100k ohm : +2/-10% max.
100k ohm< R<=2.2M ohm: +2/-15% max.
CCR (Note 4): 5% max. of nominal total resistance value
5.5
Humidity Exposure
Total resistance change: +10/-2% max.
CCR (Note 4): 5% max. of nominal total resistance value
5.6
Load Life
Total resistance change 220 ohm<=R<=100k ohm : +2/-10% max.
100k ohm<R <=2.2M ohm: +2/-15% max.
CCR (Note 4): 5% max. of nominal total resistance value
5.7
Humidity Load Life
Total resistance change: ±10% max.
CCR (Note 4): 5% max. of nominal total resistance value
5.8
Temperature Cycling
Total resistance change: ±5% max.
CCR (Note 4): 5% max. of nominal total resistance value
5.9
Rotational Life
Total resistance change: ±10% max.
Rotational torque: 0.5 to 19.6mN m (Ref; 5 to 200gf.cm)
5.10
Vibration
SS (Note 5): ±2.5% max.
5.11
Soldering Heat Resistance
Total resistance change: ±5% max.
CCR (Note 4): 5% max. of nominal total resistance value
5.12.1
Total resistance change 220 ohm<=R<=100k ohm : 0/-15% max.
100k ohm<R <=2.2M ohm: -5/-20% max.
CCR (Note 4): 5% max. of nominal total resistance value
5.12.2
(Note 4)
(R12+R23) - R13
Concentrated Contact Resistance =
X 100 (%)
2 X R13
(Note 5)
R12
r12
Setting Stability =
-
X 100 (%)
R13
r13
r13 : Resistance across #1 Terminal and #3 Terminal before test
r12 : Resistance across #1 Terminal and #2 Terminal before test
R13 : Resistance across #1 Terminal and #3 Terminal after test
R12 : Resistance across #1 Terminal and #2 Terminal after test
R23 : Resistance across #2 Terminal and #3 Terminal after test
4.4 Other Characteristics
ITEM
SPECIFICATION
TEST
METHOD
Solderability
More than 90% of wetting where immersed portion.
5.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com