Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST16213 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST16213
Description  24-Bit Bus Exchange Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST16213 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST16213 Datasheet HTML 1Page - Fairchild Semiconductor FST16213 Datasheet HTML 2Page - Fairchild Semiconductor FST16213 Datasheet HTML 3Page - Fairchild Semiconductor FST16213 Datasheet HTML 4Page - Fairchild Semiconductor FST16213 Datasheet HTML 5Page - Fairchild Semiconductor FST16213 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS500039
www.fairchildsemi.com
July 1997
Revised December 1999
FST16213
24-Bit Bus Exchange Switch
General Description
The Fairchild Switch FST16213 provides 24-bits of high-
speed CMOS TTL-compatible bus switching or exchang-
ing. The low on resistance of the switch allows inputs to be
connected to outputs without adding propagation delay or
generating additional ground bounce noise.
The device operates as a 24-bit bus switch or a 12-bit bus
exchanger, which allows data exchange between the four
signal ports via the data-select terminals.
Features
s 4
Ω switch connection between two ports.
s Minimal propagation delay through the switch.
s Low lCC.
s Zero bounce in flow-through mode.
s Control inputs compatible with TTL level.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Order Number
Package Number
Package Description
FST16213MEA
MS56A
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300 Wide
FST16213MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Similar Part No. - FST16213

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16210 FAIRCHILD-FST16210 Datasheet
110Kb / 4P
20-Bit Bus Switch
FST16210MTD FAIRCHILD-FST16210MTD Datasheet
118Kb / 4P
20-Bit Bus Switch
FST16210 FAIRCHILD-FST16210_05 Datasheet
118Kb / 4P
20-Bit Bus Switch
FST16211 FAIRCHILD-FST16211 Datasheet
287Kb / 8P
24-Bit Bus Switch
logo
ON Semiconductor
FST16211 ONSEMI-FST16211 Datasheet
392Kb / 9P
24-Bit Bus Switch
Revised July 2002
More results

Similar Description - FST16213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
24-BIT FET BUS-EXCHANGE SWITCH
logo
Fairchild Semiconductor
FST16212 FAIRCHILD-FST16212 Datasheet
155Kb / 5P
24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
24-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
24-BIT BUS EXCHANGE SWITCH
logo
Pericom Semiconductor C...
PI3B16212 PERICOM-PI3B16212 Datasheet
198Kb / 4P
3.3V, 24-Bit Bus Exchange Switch
PI5C16212 PERICOM-PI5C16212 Datasheet
135Kb / 5P
24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212 Datasheet
76Kb / 5P
LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Pericom Semiconductor C...
PI3B16213 PERICOM-PI3B16213 Datasheet
185Kb / 4P
3.3V, 24-Bit Bus-Exchange Switch
logo
Texas Instruments
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
24-BIT FET BUS-EXCHANGE SWITCH
logo
Renesas Technology Corp
74CBTLV16212 RENESAS-74CBTLV16212 Datasheet
281Kb / 6P
LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
JUNE 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com