Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3306 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FST3306
Description  2-Bit Low Power Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3306 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FST3306 Datasheet HTML 1Page - Fairchild Semiconductor FST3306 Datasheet HTML 2Page - Fairchild Semiconductor FST3306 Datasheet HTML 3Page - Fairchild Semiconductor FST3306 Datasheet HTML 4Page - Fairchild Semiconductor FST3306 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 6: This parameter is guaranteed. The bus switch contributes no propagation delay other than the RC delay of the typical On resistance of the switch
and the 50 pF load capacitance, when driven by an ideal voltage source (zero output impedance). The specified limit is calculated on this basis.
Capacitance
AC Loading and Waveforms
Input driven by 50
Ω source terminated in 50Ω.
CL includes load and stray capacitance.
Input PRR
= 1.0 MHz t
w = 500 ns.
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
TA = −40°C to +85°C
Figure
Number
Symbol
Parameter
VCC
CL = 50 pF, RU = RD = 500Ω
Units
Conditions
(V)
Min
Typ
Max
tPHL,
Prop Delay Bus to Bus
4.0–5.5
0.25
ns
VI = OPEN
Figures
1, 2
tPLH
(Note 6)
tPZL,
Output Enable Time
4.5–5.5
0.8
2.5
4.2
ns
VI = 7V for tPZL
Figures
1, 2
tPZH
4.0
0.8
3.0
4.6
VI = 0V for tPZH
tPLZ,
Output Disable Time
4.5–5.5
0.8
3.1
4.8
ns
VI = 7V for tPLZ
Figures
1, 2
tPHZ
4.0
0.8
2.9
4.4
VI = 0V for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
2.5
pF
VCC = 0V
CI/O (OFF)
Port OFF Capacitance
6
pF
VCC = 5.0V = BE
CI/O (ON)
Switch ON Capacitance
12
pF
VCC = 5.0V, BE = 0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com