Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3306 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST3306
Description  2-Bit Low Power Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3306 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST3306 Datasheet HTML 1Page - Fairchild Semiconductor FST3306 Datasheet HTML 2Page - Fairchild Semiconductor FST3306 Datasheet HTML 3Page - Fairchild Semiconductor FST3306 Datasheet HTML 4Page - Fairchild Semiconductor FST3306 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500479
www.fairchildsemi.com
February 2001
Revised February 2001
FST3306
2-Bit Low Power Bus Switch
General Description
The FST3306 is a 2-bit ultra high-speed CMOS FET bus
switch with TTL-compatible active LOW control inputs. The
low on resistance of the switch allows inputs to be con-
nected to outputs with minimal propagation delay and with-
out generating additional ground bounce noise. The device
is organized as a 2-bit switch with independent bus enable
(BE) controls. When BE is LOW, the switch is ON and
Port A is connected to Port B. When BE is HIGH, the
switch is OPEN and a high-impedance state exists
between the two ports. Control inputs tolerate voltages up
to 5.5V independent of VCC.
Features
s Typical 3
Ω switch resistance at 5.0V V
CC
s Minimal propagation delay through the switch
s Power down high impedance input/output
s Zero bounce in flow through mode.
s TTL compatible active LOW control inputs
s Control inputs are overvoltage tolerant
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Connection Diagram
(Top View)
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
Order Number
Package Number
Package Description
FST3306MTC
MTC08
8-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
ABus A
BBus B
BE
Bus Enable Input
Bus Enable Input BE
Function
L
B Connected to A
H
Disconnected


Similar Part No. - FST3306

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST3340 MICROSEMI-FST3340 Datasheet
150Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FST3345 FAIRCHILD-FST3345 Datasheet
119Kb / 6P
8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345 Datasheet
134Kb / 5P
8-Bit Bus Switch
logo
Microsemi Corporation
FST3345 MICROSEMI-FST3345 Datasheet
150Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FST3345 FAIRCHILD-FST3345 Datasheet
439Kb / 9P
8-Bit Bus Switch
More results

Similar Description - FST3306

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTD3306 FAIRCHILD-FSTD3306 Datasheet
224Kb / 5P
2-Bit Low Power Bus Switch with Level Shifting
NC7WB3125 FAIRCHILD-NC7WB3125 Datasheet
194Kb / 9P
TinyLogic UHS 2-Bit Low Power Bus Switch
NC7WB3306 FAIRCHILD-NC7WB3306 Datasheet
182Kb / 9P
TinyLogic UHS 2-Bit Low Power Bus Switch
FSTD3306 FAIRCHILD-FSTD3306_06 Datasheet
277Kb / 11P
2-Bit Low-Power Bus Switch with Level Shifting
NC7WB3125 FAIRCHILD-NC7WB3125_05 Datasheet
191Kb / 10P
2-Bit Low Power Bus Switch
NC7WB3306 FAIRCHILD-NC7WB3306_05 Datasheet
186Kb / 10P
2-Bit Low Power Bus Switch
NC7WBD3306 FAIRCHILD-NC7WBD3306_05 Datasheet
187Kb / 10P
2-Bit Low Power Bus Switch with Level Shifting
logo
Toshiba Semiconductor
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
logo
ON Semiconductor
NC7WB3125 ONSEMI-NC7WB3125 Datasheet
297Kb / 12P
2-Bit Low Power Bus Switch
Revised December 2005
NC7WBD3125 ONSEMI-NC7WBD3125 Datasheet
298Kb / 12P
2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com