Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3306 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FST3306
Description  2-Bit Low Power Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3306 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FST3306 Datasheet HTML 1Page - Fairchild Semiconductor FST3306 Datasheet HTML 2Page - Fairchild Semiconductor FST3306 Datasheet HTML 3Page - Fairchild Semiconductor FST3306 Datasheet HTML 4Page - Fairchild Semiconductor FST3306 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 3: Unused logic inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 4: Measured by the voltage drop between A and B pins at the indicated current through the switch. On resistance is determined by the lower of the volt-
ages on the two (A or B) pins.
Note 5: Per TTL driven input (VIN = 3.4V, control input only). A and B pins do not contribute to ICC.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Switch Voltage (VS)
−0.5V to +7.0V
DC Output Voltage (VIN) (Note 2)
−0.5V to +7.0V
DC Input Diode Current
(IIK) VIN < 0V
−50 mA
DC Output (IOUT) Current
128 mA
DC VCC or Ground Current (ICC/GND)
±100 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Junction Lead Temperature under Bias (TJ)
+150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
+260°C
Power Dissipation (PD) @ +85°C
250 mW
Supply Operating (VCC)
4.0V to 5.5V
Control Input Voltage (VIN)
0V to 5.5V
Switch Input Voltage (VIN)
0V to 5.5V
Output Voltage (VOUT)
0V to 5.5V
Operating Temperature (TA)
−40°C to +85°C
Input Rise and Fall Time (tr, tf)
Control Input
0 ns/V to 5 ns/V
Switch I/O
0 ns/V to DC
Thermal Resistance (
θ
JA)250°C/W
Symbol
Parameter
VCC
TA = −40°C to +85°C
Units
Conditions
(V)
Min
Typ
Max
VIK
Clamp Diode Voltage
4.5
−1.2
V
IIN = −18 mA
VIH
HIGH Level Input Voltage
4.0–5.5
2.0
V
VIL
LOW Level Input Voltage
4.0–5.5
0.8
V
VOH
HIGH Level Output Voltage
4.5–5.5
see Figure 3
V
VIN = VCC
IIN
Input Leakage Current
5.5
±1.0
µA0 ≤ V
IN ≤ 5.5V
IOFF
Switch OFF Leakage Current
5.5
±1.0
µA0 ≤ A, B, ≤ V
CC
RON
Switch On Resistance
4.5
3
7
Ω
VIN = 0V, IIN = 64 mA
(Note 4)
4.5
3
7
VIN = 0V, IIN = 30 mA
4.5
6
15
VIN = 2.4V, IIN = 15 mA
4.0
10
20
VIN = 2.4V, IIN = 15 mA
ICC
Quiescent Supply Current
5.5
3
µAV
IN = VCC or GND,
IOUT = 0
∆I
CC
Increase in ICC per Input
5.5
1
2.5
mA
VIN = 3.4V, IO = 0,
(Note 5)
Control Input Only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com