Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3383 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FST3383
Description  10-Bit Low Power Bus-Exchange Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3383 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FST3383 Datasheet HTML 1Page - Fairchild Semiconductor FST3383 Datasheet HTML 2Page - Fairchild Semiconductor FST3383 Datasheet HTML 3Page - Fairchild Semiconductor FST3383 Datasheet HTML 4Page - Fairchild Semiconductor FST3383 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 6: All typical values are at VCC = 5.0V, TA = 25°C.
Note 7: This parameter is guaranteed by design but not tested. The bus switch contributes no propagation delay other than the RC delay of the On resis-
tance of the switch and the load capacitance. The time constant for the switch and alone is of the order of 0.25 ns for 50 pF load. Since this time constant is
much smaller than the rise/fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch when
used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
Capacitance (Note 8)
Note 8: Capacitance is characterized but not tested.
On-Resistance (RON) vs Input Voltage
(VCC = 5.0V)
Symbol
Parameter
VCC
(V)
TA = −40°C to +85°C, CL = 50 pF
Units
Min
Typ
Max
(Note 6)
tPLH,
Data Propagation Delay
4.75
0.25
ns
tPHL
An to Cn, Dn or Bn to Dn, Cn (Note 7)
tPLH,
Switch Exchange Time
4.75
1.5
6.5
ns
tPHL
BX to An, Bn, Cn, Dn
tPZL,
Switch Enable Time
4.75
1.5
6.5
ns
tPZH
BE to An, Bn, Cn or Dn
tPLZ,
Switch Disable Time
4.75
1.5
5.5
ns
tPHZ
BE to An, Bn, Cn, or Dn
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Input Capacitance
4
6
pF
VCC = 5.0V
CI/O (OFF)
Input/Output Capacitance
9
13
pF
VCC = 5.0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com