Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3383 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FST3383
Description  10-Bit Low Power Bus-Exchange Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3383 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FST3383 Datasheet HTML 1Page - Fairchild Semiconductor FST3383 Datasheet HTML 2Page - Fairchild Semiconductor FST3383 Datasheet HTML 3Page - Fairchild Semiconductor FST3383 Datasheet HTML 4Page - Fairchild Semiconductor FST3383 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
DC Electrical Characteristics
Note 3: All typical values are at VCC = 5.0V, TA = 25°C.
Note 4: Measured by voltage drop between A and B pin at indicated current through the switch. On resistance is determined by the lower of the voltages on
the two (A or B) pins.
Note 5: Per TTL driven input (VIN = 3.15V, control inputs only). A and B pins do not contribute to ICC.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Switch Voltage (VS)
−0.5V to +7.0V
DC Input Voltage (VI) (Note 2)
−0.5V to +7.0V
DC Input Diode Current (IIN)
with VI < 0
−20 mA
DC Output (IO) Sink Current
120 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation
0.5W
Supply Voltage (VCC)
4.0V to 5.5V
Free Air Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
VCC
(V)
TA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
(Note 3)
VIK
Maximum Clamp Diode Voltage
4.75
−1.2
V
IIN = −18 mA
VIH
Minimum High Level Input Voltage
4.75–5.25
2.0
V
VIL
Maximum Low Level Input Voltage
4.75–5.25
0.8
V
IIN
Maximum Input
0
10
µA0 ≤ V
IN ≤ 5.25V
Leakage Current
5.25
±1
IOZ
Maximum 3-STATE I/O Leakage
5.25
±10
µA0 ≤ A, B ≤ V
CC
IOS
Short Circuit Current
4.75
100
mA
VI(A), VI(B) = 0V, VI(B), VI(A) = 4.75V
RON
Switch On Resistance (Note 4)
4.75
5
7
Ω
VI = 0V, ION = 30 mA
10
15
Ω
VI = 2.4V, ION = 15 mA
ICC
Maximum Quiescent Supply Current
5.25
0.2
10
µAV
I = VCC, GND, IO = 0
∆I
CC
Increase in ICC per Input (Note 5)
5.25
2.5
mA
VIN = 3.15V, IO = 0, Per Control Input



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com