Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3383 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST3383
Description  10-Bit Low Power Bus-Exchange Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3383 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST3383 Datasheet HTML 1Page - Fairchild Semiconductor FST3383 Datasheet HTML 2Page - Fairchild Semiconductor FST3383 Datasheet HTML 3Page - Fairchild Semiconductor FST3383 Datasheet HTML 4Page - Fairchild Semiconductor FST3383 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
December 1993
Revised May 1999
© 1999 Fairchild Semiconductor Corporation
DS011652.prf
www.fairchildsemi.com
FST3383
10-Bit Low Power Bus-Exchange Switch
General Description
The FST3383 provides two sets of high-speed CMOS TTL-
compatible bus switches. The low on resistance of the
switch allows inputs to be connected to outputs without
adding propagation delay or generating additional ground
bounce noise. The device operates as a 10-bit bus switch
or a 5-bit bus exchanger. The bus exchange (BX) signal
provides nibble swapping of the AB and CD pairs of sig-
nals. This exchange configuration allows byte swapping of
buses in systems. It can also be used as a quad 2-to-1
multiplexer and to create low delay barrel shifters. The bus
enable (BE) signal turns the switches ON.
Features
s 5
Ω switch connection between two ports
s Zero propagation delay
s Ultra low power with 0.2
µA typical I
CC
s Zero ground bounce in flow-through mode
s Control inputs compatible with TTL level
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Pin Descriptions
Connection Diagram
Truth Table
Order Number
Package Number
Package Description
FST3383WM
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
FST3383QSC
MQA24
24-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150 Wide
FST3383MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
BE
Bus Switch Enable
BX
Bus Exchange
A0–A4, B0–B4
Buses A, B
C0–C4, D0–D4
Buses C, D
BE BX
A0–A4
B0–B4
Function
H
X
High-Z State High-Z State Disconnect
LL
C0–C4
D0– D4
Connect
LH
D0–D4
C0–C4
Exchange


Similar Part No. - FST3383

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3384 FAIRCHILD-FST3384 Datasheet
99Kb / 5P
10-Bit Low Power Bus Switch
FST3384MTC FAIRCHILD-FST3384MTC Datasheet
99Kb / 5P
10-Bit Low Power Bus Switch
FST3384QSC FAIRCHILD-FST3384QSC Datasheet
99Kb / 5P
10-Bit Low Power Bus Switch
FST3384WM FAIRCHILD-FST3384WM Datasheet
99Kb / 5P
10-Bit Low Power Bus Switch
More results

Similar Description - FST3383

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LVX3383 NSC-54LVX3383 Datasheet
87Kb / 6P
10-Bit Low Power Bus-Exchange Switch
logo
Texas Instruments
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
logo
ON Semiconductor
74FST3383 ONSEMI-74FST3383 Datasheet
95Kb / 8P
10-Bit Low Power Bus Exchange
January, 2005 ??Rev. 5
logo
National Semiconductor ...
74LVX3L383 NSC-74LVX3L383 Datasheet
113Kb / 6P
10-Bit Low Power Bus-Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV3383 IDT-IDT74CBTLV3383 Datasheet
72Kb / 5P
LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
IDTQS3L383 IDT-IDTQS3L383 Datasheet
57Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH
logo
Texas Instruments
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
logo
Integrated Device Techn...
IDTQS3L383 IDT-IDTQS3L383_99 Datasheet
44Kb / 5P
QUICKSWITCH짰 PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH
logo
Texas Instruments
SN74CBT3383 TI1-SN74CBT3383_16 Datasheet
1Mb / 26P
10-Bit Bus-Exchange Switch
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com