Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CALVC164245IGQLREP Datasheet(PDF) 4 Page - Texas Instruments

Part # CALVC164245IGQLREP
Description  Enhanced Diminishing Manufacturing Sources (DMS) Support
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CALVC164245IGQLREP Datasheet(HTML) 4 Page - Texas Instruments

  CALVC164245IGQLREP Datasheet HTML 1Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 2Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 3Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 4Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 5Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 6Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 7Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 8Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Recommended Operating Conditions
(1)
SN74ALVC164245-EP
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS774A – JUNE 2004 – REVISED SEPTEMBER 2005
for V
CCB at 3.3 V and 5 V
MIN
MAX
UNIT
VCCB
Supply voltage
3
5.5
V
VIH
High-level input voltage
2
V
VCCB = 3 V to 3.6 V
0.7
VIL
Low-level input voltage
V
VCCB = 4.5 V to 5.5 V
0.8
VIB
Input voltage
0
VCCB
V
VOB
Output voltage
0
VCCB
V
IOH
High-level output current
–24
mA
IOL
Low-level output current
24
mA
∆t/∆v
Input transition rise or fall rate
10
ns/V
CALVC16245I
–40
85
TA
Operating free-air temperature
°C
CALVC16245M
–55
125
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
for V
CCA at 2.5 V and 3.3 V
MIN
MAX
UNIT
VCCA
Supply voltage
2.3
3.6
V
VCCA = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCCA = 3 V to 3.6 V
2
VCCA = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCCA = 3 V to 3.6 V
0.8
VIA
Input voltage
0
VCCA
V
VOA
Output voltage
0
VCCA
V
VCCA = 2.3 V
–18
IOH
High-level output current
mA
VCCA = 3 V
–24
VCCA = 2.3 V
18
IOL
Low-level output current
mA
VCCA = 3 V
24
∆t/∆v
Input transition rise or fall rate
10
ns/V
CALVC16245I
–40
85
TA
Operating free-air temperature
°C
CALVC16245M
–55
125
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com