Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CALVC164245IGQLREP Datasheet(PDF) 1 Page - Texas Instruments

Part # CALVC164245IGQLREP
Description  Enhanced Diminishing Manufacturing Sources (DMS) Support
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CALVC164245IGQLREP Datasheet(HTML) 1 Page - Texas Instruments

  CALVC164245IGQLREP Datasheet HTML 1Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 2Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 3Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 4Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 5Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 6Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 7Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 8Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1DIR
1B1
1B2
GND
1B3
1B4
(3.3 V, 5 V) VCCB
1B5
1B6
GND
1B7
1B8
2B1
2B2
GND
2B3
2B4
(3.3 V, 5 V) VCCB
2B5
2B6
GND
2B7
2B8
2DIR
1OE
1A1
1A2
GND
1A3
1A4
VCCA (2.5 V, 3.3 V)
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
VCCA (2.5 V, 3.3 V)
2A5
2A6
GND
2A7
2A8
2OE
DESCRIPTION/ORDERING INFORMATION
SN74ALVC164245-EP
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS774A – JUNE 2004 – REVISED SEPTEMBER 2005
•
Controlled Baseline
– One Assembly/Test Site, One Fabrication
Site
•
Enhanced Diminishing Manufacturing
Sources (DMS) Support
•
Enhanced Product-Change Notification
•
Qualification Pedigree(1)
•
Member of the Texas Instruments Widebus™
Family
•
Max tpd of 5.8 ns at 3.3 V
•
±24-mA Output Drive at 3.3 V
•
Control Inputs VIH/VIL Levels Are Referenced
to VCCA Voltage
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
(1) Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
This 16-bit (dual-octal) noninverting bus transceiver contains two separate supply rails. B port has VCCB, which is
set to operate at 3.3 V and 5 V. A port has VCCA, which is set to operate at 2.5 V and 3.3 V. This allows for
translation from a 2.5-V to a 3.3-V environment, and vice versa, or from a 3.3-V to a 5-V environment, and vice
versa.
The SN74ALVC164245 is designed for asynchronous communication between data buses. The control circuitry
(1DIR, 2DIR, 1OE, and 2OE) is powered by VCCA.
To ensure the high-impedance state during power up or power down, the output-enable (OE) input should be tied
to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability
of the driver.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SSOP – DL
Reel of 1000
CALVC164245IDLREP
ALVC164245
TSSOP – DGG
Reel of 2000
CALVC164245IDGGREP
ALVC164245
–40
°C to 85°C
VFBGA – GQL
CALVC164245IGQLREP
Reel of 1000
VC4245EP
VFBGA – ZQL (Pb-free)
CALVC164245IZQLREP
–55
°C to 125°C
TSSOP – DGG
Reel of 2000
CALVC164245MDGGREP
C164245MEP
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CALVC164245IGQLREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CALVC164245IDGGREP TI1-CALVC164245IDGGREP Datasheet
387Kb / 19P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
CALVC164245IDLREP TI1-CALVC164245IDLREP Datasheet
387Kb / 19P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CALVC164245IGQLREP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
37M602 SMSC-37M602 Datasheet
650Kb / 182P
ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
logo
List of Unclassifed Man...
EB-ACDC ETC-EB-ACDC Datasheet
86Kb / 4P
DMS-EB-AC/DC
logo
Murata Manufacturing Co...
DMS-EB MURATA-DMS-EB Datasheet
282Kb / 4P
Multi-Purpose Application Board for DMS-30 & DMS-40 Series Meters
logo
Texas Instruments
SN74VMEH22501A-EP TI-SN74VMEH22501A-EP Datasheet
545Kb / 27P
Enhanced Diminishing Manufacturing Sources (DMS) Support, Enhanced Product-Change Notification
logo
Adam Technologies, Inc.
LFH-60-SL-A-M3 ADAM-TECH-LFH-60-SL-A-M3 Datasheet
91Kb / 1P
DMS CONNECTOR DIP TYPE
LFH-60-SL-A-M3-X58 ADAM-TECH-LFH-60-SL-A-M3-X58 Datasheet
92Kb / 1P
DMS CONNECTOR DIP TYPE
logo
Xilinx, Inc
DS635 XILINX-DS635 Datasheet
723Kb / 37P
Enhanced Double Data Rate (DDR) support
logo
RFHIC
AE510 RFHIC-AE510 Datasheet
1Mb / 6P
Lower manufacturing cost
AE512 RFHIC-AE512 Datasheet
1Mb / 6P
Lower manufacturing cost
logo
Advantech Co., Ltd.
IFS-EGM-M77F01A ADVANTECH-IFS-EGM-M77F01A Datasheet
1Mb / 3P
Manufacturing Edge
25-Feb-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com