Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CALVC164245IGQLREP Datasheet(PDF) 5 Page - Texas Instruments

Part # CALVC164245IGQLREP
Description  Enhanced Diminishing Manufacturing Sources (DMS) Support
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CALVC164245IGQLREP Datasheet(HTML) 5 Page - Texas Instruments

  CALVC164245IGQLREP Datasheet HTML 1Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 2Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 3Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 4Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 5Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 6Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 7Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 8Page - Texas Instruments CALVC164245IGQLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
Electrical Characteristics
SN74ALVC164245-EP
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS774A – JUNE 2004 – REVISED SEPTEMBER 2005
over recommended operating free-air temperature range for V
CCA = 2.7 V to 3.6 V and VCCB = 4.5 V to 5.5 V
(unless otherwise noted)
CALVC164245I
CALVC164245M
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN TYP(1)
MAX
MIN TYP(1)
MAX
2.7 V to
IOH = –100 µA
VCC – 0.2
VCC – 0.2
3.6 V
2.7 V
2.2
2.2
B to A
IOH = –12 mA
3 V
2.4
2.4
IOH = –24 mA
3 V
2
2
VOH
V
4.5 V
4.3
4.3
IOL = 100 µA
5.5 V
5.3
5.3
A to B
4.5 V
3.7
3.7
IOL = 24 mA
5.5 V
4.7
4.7
2.7 V to
IOL = 100 µA
0.2
0.2
3.6 V
B to A
IOL = 12 mA
2.7 V
0.4
0.4
IOL = 24 mA
3 V
0.55
0.55
VOL
V
4.5 V to
IOL = 100 µA
0.2
0.2
5.5 V
A to B
4.5 V to
IOL = 24 mA
0.55
0.55
5.5 V
Control
II
VI = VCCA/VCCB or GND
3.6 V
5.5 V
±5
±5
µA
inputs
A or B
IOZ(2)
VO = VCCA/VCCB or GND
3.6 V
5.5 V
±10
±10
µA
port
VI = VCCA/VCCB or GND,
ICC
5.5 V
5.5 V
40
40
µA
IO = 0
One input at VCCA/VCCB – 0.6 V,
3 V to
4.5 V to
∆I
CC
(3)
750
750
µA
Other inputs at VCCA/VCCB or GND
3.6 V
5.5 V
Control
Ci
VI = VCCA/VCCB or GND
3.3 V
5 V
6.5
6.5
pF
inputs
A or B
Cio
VO = VCCA/VCCB or GND
3.3 V
3.3 V
8.5
8.5
pF
port
(1)
All typical values are at VCCA = 3.3 V and VCCB = 5 V, TA = 25°C.
(2)
For I/O ports, the parameter IOZ includes the input leakage current.
(3)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than at 0 or the associated
VCC.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com