Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7685ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7685ARMZ
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7685ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD7685ARMZ Datasheet HTML 1Page - Analog Devices AD7685ARMZ Datasheet HTML 2Page - Analog Devices AD7685ARMZ Datasheet HTML 3Page - Analog Devices AD7685ARMZ Datasheet HTML 4Page - Analog Devices AD7685ARMZ Datasheet HTML 5Page - Analog Devices AD7685ARMZ Datasheet HTML 6Page - Analog Devices AD7685ARMZ Datasheet HTML 7Page - Analog Devices AD7685ARMZ Datasheet HTML 8Page - Analog Devices AD7685ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7685
Rev. C | Page 5 of 28
TIMING SPECIFICATIONS
−40°C to +85°C, VIO = 2.3 V to 5.5 V or VDD + 0.3 V, whichever is the lowest, unless otherwise stated.
Table 4. VDD = 4.5 V to 5.5 V1
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge To Data Available
tCONV
0.5
2.2
μs
Acquisition Time
tACQ
1.8
μs
Time Between Conversions
tCYC
4
μs
CNV Pulse Width (CS Mode)
tCNVH
10
ns
SCK Period (CS Mode)
tSCK
15
ns
SCK Period (Chain Mode)
tSCK
VIO Above 4.5 V
17
ns
VIO Above 3 V
18
ns
VIO Above 2.7 V
19
ns
VIO Above 2.3 V
20
ns
SCK Low Time
tSCKL
7
ns
SCK High Time
tSCKH
7
ns
SCK Falling Edge to Data Remains Valid
tHSDO
5
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO Above 4.5 V
14
ns
VIO Above 3 V
15
ns
VIO Above 2.7 V
16
ns
VIO Above 2.3 V
17
ns
CNV or SDI Low to SDO D15 MSB Valid (CS Mode)
tEN
VIO Above 4.5 V
15
ns
VIO Above 2.7 V
18
ns
VIO Above 2.3 V
22
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance (CS Mode)
tDIS
25
ns
SDI Valid Setup Time from CNV Rising Edge (CS Mode)
tSSDICNV
15
ns
SDI Valid Hold Time from CNV Rising Edge (CS Mode)
tHSDICNV
0
ns
SCK Valid Setup Time from CNV Rising Edge (Chain Mode)
tSSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge (Chain Mode)
tHSCKCNV
5
ns
SDI Valid Setup Time from SCK Falling Edge (Chain Mode)
tSSDISCK
3
ns
SDI Valid Hold Time from SCK Falling Edge (Chain Mode)
tHSDISCK
4
ns
SDI High to SDO High (Chain Mode with Busy Indicator)
tDSDOSDI
VIO Above 4.5 V
15
ns
VIO Above 2.3 V
26
ns
1 See Figure 3 and Figure 4 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com