Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7685ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7685ARMZ
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7685ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7685ARMZ Datasheet HTML 4Page - Analog Devices AD7685ARMZ Datasheet HTML 5Page - Analog Devices AD7685ARMZ Datasheet HTML 6Page - Analog Devices AD7685ARMZ Datasheet HTML 7Page - Analog Devices AD7685ARMZ Datasheet HTML 8Page - Analog Devices AD7685ARMZ Datasheet HTML 9Page - Analog Devices AD7685ARMZ Datasheet HTML 10Page - Analog Devices AD7685ARMZ Datasheet HTML 11Page - Analog Devices AD7685ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7685
Rev. C | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
REF 1
VDD 2
IN+ 3
IN– 4
GND 5
VIO
10
SDI
9
SCK
8
SDO
7
CNV
6
AD7685
TOP VIEW
(Not to Scale)
Figure 5. 10-Lead MSOP Pin Configuration
1
REF
2
VDD
3
IN+
4
IN–
5
GND
10 VIO
9SDI
8SCK
7SDO
6CNV
TOP VIEW
(Not to Scale)
AD7685
NOTES
1. EXPOSED PAD CONNECTED TO GND. THIS
CONNECTION IS NOT REQUIRED TO MEET
THE ELECTRICAL PERFORMANCES.
Figure 6. 10-Lead QFN (LFCSP) Pin Configuration
Table 7. Pin Function Descriptions
Pin No
Mnemonic
Type1
Description
1
REF
AI
Reference Input Voltage. The REF range is from 0.5 V to VDD. It is referred to the GND pin. This pin should
be decoupled closely to the pin with a 10 μF capacitor.
2
VDD
P
Power Supply.
3
IN+
AI
Analog Input. It is referred to IN−. The voltage range, that is, the difference between IN+ and IN−, is 0 V to VREF.
4
IN−
AI
Analog Input Ground Sense. Connect to the analog ground plane or to a remote sense ground.
5
GND
P
Power Supply Ground.
6
CNV
DI
Convert Input. This input has multiple functions. On its leading edge, it initiates the conversions and
selects the interface mode of the part, chain, or CS mode. In CS mode, it enables the SDO pin when low.
In chain mode, the data should be read when CNV is high.
7
SDO
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to SCK.
8
SCK
DI
Serial Data Clock Input. When the part is selected, the conversion result is shifted out by this clock.
9
SDI
DI
Serial Data Input. This input provides multiple features. It selects the interface mode of the ADC as follows:
Chain mode is selected if SDI is low during the CNV rising edge. In this mode, SDI is used as a data input
to daisy chain the conversion results of two or more ADCs onto a single SDO line. The digital data level
on SDI is output on SDO with a delay of 16 SCK cycles.
CS mode is selected if SDI is high during the CNV rising edge. In this mode, either SDI or CNV can enable
the serial output signals when low, and if SDI or CNV is low when the conversion is complete, the BUSY
indicator feature is enabled.
10
VIO
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface (1.8 V, 2.5 V, 3 V, or 5 V).
EPAD
Exposed Pad. Exposed pad connected to GND. This connection is not required to meet the electrical
performances.
1AI = analog input, DI = digital input, DO = digital output, and P = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com