Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7685ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7685ARMZ
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7685ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD7685ARMZ Datasheet HTML 1Page - Analog Devices AD7685ARMZ Datasheet HTML 2Page - Analog Devices AD7685ARMZ Datasheet HTML 3Page - Analog Devices AD7685ARMZ Datasheet HTML 4Page - Analog Devices AD7685ARMZ Datasheet HTML 5Page - Analog Devices AD7685ARMZ Datasheet HTML 6Page - Analog Devices AD7685ARMZ Datasheet HTML 7Page - Analog Devices AD7685ARMZ Datasheet HTML 8Page - Analog Devices AD7685ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
16-Bit, 250 kSPS PulSAR
ADC in MSOP/QFN
AD7685
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2011 Analog Devices, Inc. All rights reserved.
FEATURES
16-bit resolution with no missing codes
Throughput: 250 kSPS
INL: ±0.6 LSB typical, ±2 LSB maximum (±0.003% of FSR)
SINAD: 93.5 dB @ 20 kHz
THD: −110 dB @ 20 kHz
Pseudo differential analog input range
0 V to VREF with VREF up to VDD
No pipeline delay
Single-supply operation 2.3 V to 5.5 V with
1.8 V to 5 V logic interface
Serial interface SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible
Daisy-chain multiple ADCs, BUSY indicator
Power dissipation
1.4 μW @ 2.5 V/100 SPS
1.35 mW @ 2.5 V/100 kSPS, 4 mW @ 5 V/100 kSPS
Standby current: 1 nA
10-lead package: MSOP (MSOP-8 size) and
3 mm × 3 mm QFN (LFCSP) (SOT-23 size)
Pin-for-pin-compatible with 10-lead MSOP/QFN PulSAR® ADCs
APPLICATIONS
Battery-powered equipment
Medical instruments
Mobile communications
Personal digital assistants (PDAs)
Data acquisition
Instrumentation
Process controls
CODE
65536
0
16384
32768
49152
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
POSITIVE INL = +0.33LSB
NEGATIVE INL = –0.50LSB
Figure 1. Integral Nonlinearity vs. Code.
APPLICATION DIAGRAM
AD7685
REF
GND
VDD
IN+
IN–
VIO
SDI
SCK
SDO
CNV
1.8V TO VDD
3- OR 4-WIRE INTERFACE
(SPI, DAISY CHAIN, CS)
0.5V TO VDD
2.5V TO 5V
0 TO VREF
Figure 2.
Table 1. MSOP, QFN (LFCSP)/SOT-23
14-/16-/18-Bit PulSAR ADC
Type
100
kSPS
250
kSPS
400 kSPS
to
500 kSPS
1000
kSPS
ADC
Driver
18-Bit True
AD7691
AD7690
AD7982
ADA4941
Differential
AD7982
ADA4841
16-Bit True
AD7684
AD7687
AD7688
ADA4941
Differential
AD7693
ADA4841
16-Bit Pseudo
AD7680
AD7685
AD7686
AD7980
ADA4841
Differential
AD7683
AD7694
14-Bit Pseudo
AD7940
AD7942
AD7946
ADA4841
Differential
GENERAL DESCRIPTION
The AD7685 is a 16-bit, charge redistribution successive
approximation, analog-to-digital converter (ADC) that operates
from a single power supply, VDD, between 2.3 V to 5.5 V. It
contains a low power, high speed, 16-bit sampling ADC with no
missing codes, an internal conversion clock, and a versatile serial
interface port. The part also contains a low noise, wide bandwidth,
short aperture delay, track-and-hold circuit. On the CNV rising
edge, it samples an analog input IN+ between 0 V to REF with
respect to a ground sense IN−. The reference voltage, REF, is
applied externally and can be set up to the supply voltage.
Power dissipation scales linearly with throughput.
The SPI-compatible serial interface also features the ability,
using the SDI input, to daisy chain several ADCs on a single
3-wire bus or provides an optional BUSY indicator. It is
compatible with 1.8 V, 2.5 V, 3 V, or 5 V logic using the
separate supply VIO.
The AD7685 is housed in a 10-lead MSOP or a 10-lead QFN
(LFCSP) with operation specified from −40°C to +85°C.


Similar Part No. - AD7685ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685ARMZ AD-AD7685ARMZ Datasheet
542Kb / 29P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/14- Rev. C to Rev. D
AD7685ARMZRL7 AD-AD7685ARMZRL7 Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685ARMZRL7 AD-AD7685ARMZRL7 Datasheet
542Kb / 29P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/14- Rev. C to Rev. D
More results

Similar Description - AD7685ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7683 AD-AD7683 Datasheet
467Kb / 16P
16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
AD7694 AD-AD7694 Datasheet
448Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/04-Revision 0
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7694ARMZ AD-AD7694ARMZ Datasheet
348Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685 AD-AD7685 Datasheet
542Kb / 29P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/14- Rev. C to Rev. D
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
16-Bit, 250 kSPS PulSAR ADC in MSOP
6/14- Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com