Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD737JRZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD737JRZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD737JRZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD737JRZ-R7 Datasheet HTML 5Page - Analog Devices AD737JRZ-R7 Datasheet HTML 6Page - Analog Devices AD737JRZ-R7 Datasheet HTML 7Page - Analog Devices AD737JRZ-R7 Datasheet HTML 8Page - Analog Devices AD737JRZ-R7 Datasheet HTML 9Page - Analog Devices AD737JRZ-R7 Datasheet HTML 10Page - Analog Devices AD737JRZ-R7 Datasheet HTML 11Page - Analog Devices AD737JRZ-R7 Datasheet HTML 12Page - Analog Devices AD737JRZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD737
Rev. I | Page 9 of 24
VIN = 200mV rms
CAV = 100µF
CF = 22µF
–0.8
–0.6
–0.2
–0.4
0
0.4
0.2
0.6
0.8
–60
–20
–40
20
0
60
80
100
120
40
140
TEMPERATURE (°C)
Figure 10. Additional Error vs. Temperature
0
200
100
400
300
500
0
0.2
0.4
0.6
0.8
1.0
RMS INPUT LEVEL (V)
Figure 11. DC Supply Current vs. RMS Input Level
10µV
100µV
1mV
10mV
100
1k
10k
100k
–3dB FREQUENCY (Hz)
AC-COUPLED
Figure 12. RMS Input Level vs. –3 dB Frequency; Negative DC Output
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
10mV
100mV
1V
2V
INPUT LEVEL (rms)
CAV = 22µF, CC = 47µF,
CF = 4.7µF
Figure 13. Error vs. RMS Input Level Using Circuit in Figure 29
1
10
100
10
100
1k
FREQUENCY (Hz)
–1%
–0.5%
VIN = 200mV rms
CC = 47µF
CF = 47µF
Figure 14. Value of Averaging Capacitor vs. Frequency
for Specified Averaging Error
1mV
10mV
100mV
1V
1
10
100
1k
FREQUENCY (Hz)
AC-COUPLED
CAV = 10µF, CC = 47µF,
CF = 47µF
–0.5%
–1%
Figure 15. RMS Input Level vs. Frequency for Specified Averaging Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com