Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD737JRZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD737JRZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD737JRZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD737JRZ-R7 Datasheet HTML 1Page - Analog Devices AD737JRZ-R7 Datasheet HTML 2Page - Analog Devices AD737JRZ-R7 Datasheet HTML 3Page - Analog Devices AD737JRZ-R7 Datasheet HTML 4Page - Analog Devices AD737JRZ-R7 Datasheet HTML 5Page - Analog Devices AD737JRZ-R7 Datasheet HTML 6Page - Analog Devices AD737JRZ-R7 Datasheet HTML 7Page - Analog Devices AD737JRZ-R7 Datasheet HTML 8Page - Analog Devices AD737JRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Cost, Low Power,
True RMS-to-DC Converter
Data Sheet
AD737
Rev. I
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Computes
True rms value
Average rectified value
Absolute value
Provides
200 mV full-scale input range (larger inputs with
input scaling)
Direct interfacing with 3½ digit CMOS ADCs
High input impedance: 1012
Low input bias current: 25 pA maximum
High accuracy: ±0.2 mV ± 0.3% of reading
RMS conversion with signal crest factors up to 5
Wide power supply range: ±2.5 V to ±16.5 V
Low power: 25 µA (typical) standby current
No external trims needed for specified accuracy
The AD737 output is negative-going; the AD736 is a positive
output-going version of the same basic device
FUNCTIONAL BLOCK DIAGRAM
COM
OUTPUT
CAV
–VS
8kΩ
BIAS
SECTION
ABSOLUTE
VALUE
CIRCUIT
SQUARER
DIVIDER
CC
VIN
+VS
POWER
DOWN
CF
CAV
8kΩ
Figure 1.
GENERAL DESCRIPTION
The AD737 is a low power, precision, monolithic, true rms-to-
dc converter. It is laser trimmed to provide a maximum error of
±0.2 mV ± 0.3% of reading with sine wave inputs. Furthermore,
it maintains high accuracy while measuring a wide range of
input waveforms, including variable duty cycle pulses and
triac (phase) controlled sine waves. The low cost and small
physical size of this converter make it suitable for upgrading
the performance of non-rms precision rectifiers in many
applications. Compared to these circuits, the AD737 offers
higher accuracy at equal or lower cost.
The AD737 can compute the rms value of both ac and dc input
voltages. It can also be operated ac-coupled by adding one
external capacitor. In this mode, the AD737 can resolve input
signal levels of 100 µV rms or less, despite variations in tem-
perature or supply voltage. High accuracy is also maintained for
input waveforms with crest factors of 1 to 3. In addition, crest
factors as high as 5 can be measured (while introducing only
2.5% additional error) at the 200 mV full-scale input level.
The AD737 has no output buffer amplifier, thereby significantly
reducing dc offset errors occurring at the output, which makes
the device highly compatible with high input impedance ADCs.
Requiring only 160 µA of power supply current, the AD737 is
optimized for use in portable multimeters and other battery-
powered applications. In power-down mode, the standby supply
current in is typically 25 µA.
The AD737 has both high (1012 Ω) and low impedance input
options. The high-Z FET input connects high source impedance
input attenuators, and a low impedance (8 kΩ) input accepts
rms voltages to 0.9 V while operating from the minimum power
supply voltage of ±2.5 V. The two inputs can be used either
single ended or differentially.
The AD737 achieves 1% of reading error bandwidth, exceeding
10 kHz for input amplitudes from 20 mV rms to 200 mV rms,
while consuming only 0.72 mW.
The AD737 is available in two performance grades. The AD737J
and AD737K grades operate over the commercial temperature
range of 0°C to 70°C. The AD737JR-5 is tested with supply
voltages of ±2.5 V dc. The AD737A grade operates over the
industrial temperature range of −40°C to +85°C. The AD737 is
available in two low cost, 8­lead packages: PDIP and SOIC_N.
PRODUCT HIGHLIGHTS
1. Computes average rectified, absolute, or true rms value of a
signal regardless of waveform.
2. Only one external component, an averaging capacitor, is
required for the AD737 to perform true rms measurement.
3. The standby power consumption of 125 μW makes the
AD737 suitable for battery-powered applications.


Similar Part No. - AD737JRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD737JRZ-R7 AD-AD737JRZ-R7 Datasheet
534Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. J
More results

Similar Description - AD737JRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
Low Level, True RMS-to-DC Converter
REV.B
AD736 AD-AD736 Datasheet
218Kb / 8P
Low Cost, Low Power, True RMS-to-DC Converter
REV.C
AD737 AD-AD737 Datasheet
149Kb / 8P
Low Cost, Low Power, True RMS-to-DC Converter
REV.C
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD736 AD-AD736_12 Datasheet
480Kb / 20P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
Low Level, True RMS-to-DC Converter
Rev. E
AD736 AD-AD736_15 Datasheet
480Kb / 20P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_17 Datasheet
762Kb / 21P
Low Cost, Low Power, True RMS-to-DC Converter
3/2017-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com