Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD737JRZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD737JRZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD737JRZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD737JRZ-R7 Datasheet HTML 7Page - Analog Devices AD737JRZ-R7 Datasheet HTML 8Page - Analog Devices AD737JRZ-R7 Datasheet HTML 9Page - Analog Devices AD737JRZ-R7 Datasheet HTML 10Page - Analog Devices AD737JRZ-R7 Datasheet HTML 11Page - Analog Devices AD737JRZ-R7 Datasheet HTML 12Page - Analog Devices AD737JRZ-R7 Datasheet HTML 13Page - Analog Devices AD737JRZ-R7 Datasheet HTML 14Page - Analog Devices AD737JRZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD737
Rev. I | Page 11 of 24
100µV
10mV
1mV
1V
100mV
10V
0.1
1
10
100
1000
FREQUENCY (kHz)
VS = ±2.5V,
CAV = 22µF, CF = 4.7µF, CC = 22µF
–3dB
0.5%
10%
1%
Figure 20. Error Contours Driving Pin 1
0
1
2
3
4
5
1
2
3
4
5
CREST FACTOR
CAV =
22µF
CAV =
10µF
CAV =
100µF
CAV =
220µF
CAV =
33µF
3 CYCLES OF 1kHz
200mV rms
VS = ±2.5V
CC = 22µF
CF = 100µF
Figure 21. Additional Error vs. Crest Factor for Various Values of CAV
–2.5
0.5
–0.5
–1.0
–1.5
–2.0
0
1.0
10mV
100mV
1V
2V
INPUT LEVEL (rms)
CAV = 22µF, VS = ±2.5V
CC = 47µF, CF = 4.7µF
Figure 22. Error vs. RMS Input Level Driving Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com