Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8615AUJZ-R21 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8615AUJZ-R21
Description  Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8615AUJZ-R21 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8615AUJZ-R21 Datasheet HTML 6Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 7Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 8Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 9Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 10Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 11Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 12Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 13Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8615/AD8616/AD8618
Rev. E | Page 10 of 20
0
2
4
6
8
10
12
14
16
18
–40 –25 –10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VS = 2.7V
VOH @ 1mA LOAD
VOL @ 1mA LOAD
Figure 30. Output Saturation Voltage vs. Temperature
1M
10M
100
80
60
40
20
0
–20
–40
–60
–80
–100
225
180
135
90
45
0
–45
–90
–135
–180
–225
VS = ±1.35V
TA = 25°C
Øm = 42°
60M
FREQUENCY (Hz)
Figure 31. Open-Loop Gain and Phase vs. Frequency
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
FREQUENCY (Hz)
10k
1k
100k
1M
10M
VS = 2.7V
VIN = 2.6V p-p
TA = 25°C
RL = 2kΩ
AV = 1
Figure 32. Closed-Loop Output Voltage Swing vs. Frequency
5
0
10
15
20
25
30
35
40
45
50
CAPACITANCE (pF)
10
100
1000
VS = ±1.35V
RL = ∞
TA = 25°C
AV = 1
+OS
–OS
Figure 33. Small Signal Overshoot vs. Load Capacitance
TIME (1µs/DIV)
VS = 2.7V
RL = 10kΩ
CL = 200pF
AV = 1
Figure 34. Small Signal Transient Response
TIME (1µs/DIV)
VS = 2.7V
RL = 10kΩ
CL = 200pF
AV = 1
Figure 35. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com