Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8615AUJZ-R21 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8615AUJZ-R21
Description  Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8615AUJZ-R21 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8615AUJZ-R21 Datasheet HTML 12Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 13Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 14Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 15Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 16Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 17Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 18Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 19Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8615/AD8616/AD8618
Rev. E | Page 17 of 20
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8615AUJZ-R21
–40°C to +125°C
5-Lead TSOT-23
UJ-5
BKA
AD8615AUJZ-REEL1
–40°C to +125°C
5-Lead TSOT-23
UJ-5
BKA
AD8615AUJZ-REEL71
–40°C to +125°C
5-Lead TSOT-23
UJ-5
BKA
AD8616ARM-R2
–40°C to +125°C
8-Lead MSOP
RM-8
BLA
AD8616ARM-REEL
–40°C to +125°C
8-Lead MSOP
RM-8
BLA
AD8616ARMZ1
–40°C to +125°C
8-Lead MSOP
RM-8
A0K
AD8616ARMZ-R21
–40°C to +125°C
8-Lead MSOP
RM-8
A0K
AD8616ARMZ-REEL1
–40°C to +125°C
8-Lead MSOP
RM-8
A0K
AD8616AR
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8616AR-REEL
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8616AR-REEL7
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8616ARZ1
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8616ARZ-REEL1
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8616ARZ-REEL71
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8618AR
–40°C to +125°C
14-Lead SOIC_N
R-14
AD8618AR-REEL
–40°C to +125°C
14-Lead SOIC_N
R-14
AD8618AR-REEL7
–40°C to +125°C
14-Lead SOIC_N
R-14
AD8618ARZ1
–40°C to +125°C
14-Lead SOIC_N
R-14
AD8618ARZ-REEL1
–40°C to +125°C
14-Lead SOIC_N
R-14
AD8618ARZ-REEL71
–40°C to +125°C
14-Lead SOIC_N
R-14
AD8618ARU
–40°C to +125°C
14-Lead TSSOP
RU-14
AD8618ARU-REEL
–40°C to +125°C
14-Lead TSSOP
RU-14
AD8618ARUZ1
–40°C to +125°C
14-Lead TSSOP
RU-14
AD8618ARUZ-REEL1
–40°C to +125°C
14-Lead TSSOP
RU-14
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com