Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8615AUJZ-R21 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8615AUJZ-R21
Description  Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8615AUJZ-R21 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8615AUJZ-R21 Datasheet HTML 7Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 8Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 9Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 10Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 11Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 12Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 13Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 14Page - Analog Devices AD8615AUJZ-R21 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8615/AD8616/AD8618
Rev. E | Page 11 of 20
APPLICATIONS INFORMATION
INPUT OVERVOLTAGE PROTECTION
The AD8615/AD8616/AD8618 have internal protective circuitry
that allows voltages exceeding the supply to be applied at the input.
It is recommended, however, not to apply voltages that exceed
the supplies by more than 1.5 V at either input of the amplifier.
If a higher input voltage is applied, series resistors should be
used to limit the current flowing into the inputs.
The input current should be limited to <5 mA. The extremely
low input bias current allows the use of larger resistors, which
allows the user to apply higher voltages at the inputs. The use of
these resistors adds thermal noise, which contributes to the overall
output voltage noise of the amplifier.
For example, a 10 kΩ resistor has less than 13 nV/√Hz of
thermal noise and less than 10 nV of error voltage at room
temperature.
OUTPUT PHASE REVERSAL
The AD8615/AD8616/AD8618 are immune to phase inversion,
a phenomenon that occurs when the voltage applied at the input of
the amplifier exceeds the maximum input common mode.
Phase reversal can cause permanent damage to the amplifier
and can create lock ups in systems with feedback loops.
TIME (2ms/DIV)
VIN
VOUT
VS = ±2.5V
VIN = 6V p-p
AV = 1
RL = 10kΩ
Figure 36. No Phase Reversal
DRIVING CAPACITIVE LOADS
Although the AD8615/AD8616/AD8618 are capable of driving
capacitive loads of up to 500 pF without oscillating, a large amount
of overshoot is present when operating at frequencies above
100 kHz. This is especially true when the amplifier is configured
in positive unity gain (worst case). When such large capacitive
loads are required, the use of external compensation is highly
recommended.
This reduces the overshoot and minimizes ringing, which in
turn improves the frequency response of the AD8615/AD8616/
AD8618. One simple technique for compensation is the snubber,
which consists of a simple RC network. With this circuit in place,
output swing is maintained and the amplifier is stable at all gains.
Figure 38 shows the implementation of the snubber, which
reduces overshoot by more than 30% and eliminates ringing
that can cause instability. Using the snubber does not recover
the loss of bandwidth incurred from a heavy capacitive load.
TIME (2µs/DIV)
VS = ±2.5V
AV = 1
CL = 500pF
Figure 37. Driving Heavy Capacitive Loads Without Compensation
V+
200Ω
500pF
500pF
V–
VEE
VCC
200mV
–
+
–
Figure 38. Snubber Network
TIME (10µs/DIV)
VS =±2.5V
AV = 1
RS = 200Ω
CS = 500pF
CL = 500pF
Figure 39. Driving Heavy Capacitive Loads Using the Snubber Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com