Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8646WARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8646WARMZ-R7
Description  24 MHz Rail-to-Rail Amplifiers with Shutdown Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8646WARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8646WARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8646/AD8647/AD8648
Rev. D | Page 9 of 20
VSY = 2.7V
RL = 1kΩ
CL = 10pF
40
20
60
0
100k
1M
80
–40
–20
10k
100M
10M
FREQUENCY (Hz)
90
135
45
180
0
270
225
ФM = 52°
Figure 16. Open-Loop Gain and Phase vs. Frequency
60
–60
–40
0
–20
40
20
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = 2.7V
TA = 25°C
AV = 100
AV = 10
AV = 1
Figure 17. Closed-Loop Gain vs. Frequency
250
0
50
150
100
200
1
10
100
1k
10k
1M
100k
FREQUENCY (kHz)
VSY = 2.7V
TA = 25°C
AV = 1
AV = 10
AV = 100
Figure 18. ZOUT vs. Frequency
–40
–20
0
20
40
60
80
10k
100k
1M
10M
100M
FREQUENCY (Hz)
0
45
90
135
180
225
270
VSY = 5V
RL = 1kΩ
CL = 10pF
ФM = 74°
PHASE
GAIN
Figure 19. Open-Loop Gain and Phase vs. Frequency
60
–60
–40
0
–20
40
20
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = 5V
TA = 25°C
AV = 100
AV = 10
AV = 1
Figure 20. Closed-Loop Gain vs. Frequency
120
0
20
80
60
40
100
1
10
100
1k
10k
1M
100k
FREQUENCY (kHz)
VSY = 5V
TA = 25°C
AV = 1
AV = 10
AV = 100
Figure 21. ZOUT vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com