Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8646WARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8646WARMZ-R7
Description  24 MHz Rail-to-Rail Amplifiers with Shutdown Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8646WARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8646WARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8646/AD8647/AD8648
Rev. D | Page 10 of 20
100
0
20
80
60
40
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
VSY = 2.7V
TA = 25°C
Figure 22. CMRR vs. Frequency
100
0
1k
10M
FREQUENCY (Hz)
10k
100k
1M
80
60
40
20
VSY = 2.7V
TA = 25°C
PSRR+
PSRR–
Figure 23. PSRR vs. Frequency
60
50
40
30
20
10
0
11000
100
10
CLOAD (pF)
VSY = ±1.35V
TA = 25°C
+OS
–OS
Figure 24. Overshoot vs. Load Capacitance
100
0
20
80
60
40
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
VSY = 5V
TA = 25°C
Figure 25. CMRR vs. Frequency
VSY = 5V
TA = 25°C
80
60
40
10k
100k
1M
100
0
20
1k
10M
FREQUENCY (Hz)
PSRR+
PSRR–
Figure 26. PSRR vs. Frequency
VSY = 5V
RL = 10kΩ
TA = 25°C
60
50
40
30
20
10
100
70
0
10
1000
CLOAD (pF)
OS+
OS–
Figure 27. Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com