Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8646WARMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8646WARMZ-R7
Description  24 MHz Rail-to-Rail Amplifiers with Shutdown Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8646WARMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8646WARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8646WARMZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8646/AD8647/AD8648
Rev. D | Page 15 of 20
THEORY OF OPERATION
POWER-DOWN OPERATION
The shutdown function of the AD8647 is referenced to the
negative supply voltage of the operational amplifier. A logic
level high (> 2.0 V) enables the device, while a logic level low
(< 0.8 V) disables the device and places the output in a high
impedance condition. Several outputs can be wire-OR’ed, thus
eliminating a multiplexer. The logic input is a high impedance
CMOS input. If dual or split supplies are used, the logic signals
must be properly referred to the negative supply voltage.
MULTIPLEXING OPERATION
Because each op amp has a separate logic input enable pin, the
outputs can be connected together if it can be guaranteed that
only one op amp is active at any time. By connecting the op amps
as shown in Figure 48, a multiplexer can be eliminated. With
the reasonably short turn-on and turn-off times, low frequency
signal paths can be smoothly selected. The turn-off time is
slightly faster than the turn-on time so, even when using
sections from two different packages, the overlap is less than
300 nanoseconds.
1/2
AD8647
1/2
AD8647
9
1
1
10
5V
6
7
8
2
3
4
5
2
13kHz
5kHz
2kHz
Figure 48. AD8647 Output Switching
TIME (200µs/DIV)
0V
5V
0V
2V
1V
Figure 49. Switching Waveforms
80
70
60
50
40
30
20
10
0
–10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VIN_SDA AND VIN_SDB (V)
VSY = 5V
VSY = 2.7V
Figure 50. Supply Current Shutdown Mode, AD8647



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com