Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-1YCPZ-R21 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4932-1YCPZ-R21
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-1YCPZ-R21 Datasheet(HTML) 3 Page - Analog Devices

  ADA4932-1YCPZ-R21 Datasheet HTML 1Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 2Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 3Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 4Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 5Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 6Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 7Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 8Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. A | Page 3 of 28
SPECIFICATIONS
±5 V OPERATION
TA = 25°C, +VS = 5 V, −VS = −5 V, VOCM = 0 V, RF = 499 Ω, RG = 499 Ω, RT = 53.6 Ω (when used), RL, dm = 1 kΩ, unless otherwise noted.
All specifications refer to single-ended input and differential outputs, unless otherwise noted. Refer to Figure 55 for signal definitions.
±DIN to VOUT, dm Performance
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT, dm = 0.1 V p-p
560
MHz
VOUT, dm = 0.1 V p-p, RF = RG = 205 Ω
1000
MHz
−3 dB Large Signal Bandwidth
VOUT, dm = 2.0 V p-p
360
MHz
VOUT, dm = 2.0 V p-p, RF = RG = 205 Ω
360
MHz
Bandwidth for 0.1 dB Flatness
VOUT, dm = 2.0 V p-p, ADA4932-1, RL = 200 Ω
300
MHz
VOUT, dm = 2.0 V p-p, ADA4932-2, RL = 200 Ω
100
MHz
Slew Rate
VOUT, dm = 2 V p-p, 25% to 75%
2800
V/μs
Settling Time to 0.1%
VOUT, dm = 2 V step
9
ns
Overdrive Recovery Time
VIN = 0 V to 5 V ramp, G = 2
20
ns
NOISE/HARMONIC PERFORMANCE
See Figure 54 for distortion test circuit
Second Harmonic
VOUT, dm = 2 V p-p, 1 MHz
−110
dBc
VOUT, dm = 2 V p-p, 10 MHz
−100
dBc
VOUT, dm = 2 V p-p, 20 MHz
−90
dBc
VOUT, dm = 2 V p-p, 50 MHz
−72
dBc
Third Harmonic
VOUT, dm = 2 V p-p, 1 MHz
−130
dBc
VOUT, dm = 2 V p-p, 10 MHz
−120
dBc
VOUT, dm = 2 V p-p, 20 MHz
−105
dBc
VOUT, dm = 2 V p-p, 50 MHz
−80
dBc
IMD
f1 = 30 MHz, f2 = 30.1 MHz, VOUT, dm = 2 V p-p
−91
dBc
Voltage Noise (RTI)
f = 1 MHz
3.6
nV/√Hz
Input Current Noise
f = 1 MHz
1.0
pA/√Hz
Crosstalk
f = 10 MHz, ADA4932-2
−100
dB
INPUT CHARACTERISTICS
Offset Voltage
V+DIN = V−DIN = VOCM = 0 V
−2.2
±0.5
+2.2
mV
TMIN to TMAX variation
−3.7
μV/°C
Input Bias Current
−5.2
−2.5
−0.1
μA
TMIN to TMAX variation
−9.5
nA/°C
Input Offset Current
−0.2
±0.025
+0.2
μA
Input Resistance
Differential
11
MΩ
Common mode
16
MΩ
Input Capacitance
0.5
pF
Input Common-Mode Voltage Range
−VS + 0.2 to
+VS − 1.8
V
CMRR
∆VOUT, dm/∆VIN, cm, ∆VIN, cm = ±1 V
−100
−87
dB
Open-Loop Gain
64
66
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Maximum ∆VOUT, single-ended output,
RF = RG = 10 kΩ, RL = 1 kΩ
−VS + 1.4 to
+VS − 1.4
−VS + 1.2 to
+VS − 1.2
V
Linear Output Current
200 kHz, RL, dm = 10 Ω, SFDR = 68 dB
80
mA rms
Output Balance Error
∆VOUT, cm/∆VOUT, dm, ∆VOUT, dm = 2 V p-p, 1 MHz,
see Figure 53 for output balance test circuit
−64
−60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com