Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-1YCPZ-R21 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4932-1YCPZ-R21
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-1YCPZ-R21 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4932-1YCPZ-R21 Datasheet HTML 20Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 21Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 22Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 23Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 24Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 25Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 26Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 27Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. A | Page 25 of 28
HIGH PERFORMANCE ADC DRIVING
The ADA4932-x is ideally suited for broadband dc-coupled
applications. The circuit in Figure 67 shows a front-end
connection for an ADA4932-1 driving an AD9245, a 14-bit,
20 MSPS/40 MSPS/65 MSPS/80 MSPS ADC, with dc coupling
on the ADA4932-1 input and output. (The AD9245 achieves
its optimum performance when driven differentially.) The
ADA4932-1 eliminates the need for a transformer to drive the
ADC and performs a single-ended-to-differential conversion and
buffering of the driving signal.
The ADA4932-1 is configured with a single 3.3 V supply and a
gain of 1 for a single-ended input to differential output. The
53.6 Ω termination resistor, in parallel with the single-ended
input impedance of approximately 665 Ω, provides a 50 Ω
termination for the source. The additional 25.5 Ω (524.5 Ω
total) at the inverting input balances the parallel impedance
of the 50 Ω source and the termination resistor driving the
noninverting input.
In this example, the signal generator has a 1 V p-p symmetric,
ground-referenced bipolar output when terminated in 50 Ω.
The VOCM input is bypassed for noise reduction, and set externally
with 1% resistors to maximize output dynamic range on the
tight 3.3 V supply.
Because the inputs are dc-coupled, dc common-mode current
flows in the feedback loops, and a nominal dc level of 0.84 V is
present at the amplifier input terminals. A fraction of the output
signal is also present at the input terminals as a common-mode
signal; its level is equal to the ac output swing at the noninverting
output, divided down by the feedback factor of the lower loop.
In this example, this ripple is 0.5 V p-p × [524.5/(524.5 + 511)] =
0.25 V p-p. This ac signal is riding on the 0.84 V dc level, produc-
ing a voltage swing between 0.72 V and 0.97 V at the input
terminals. This is well within the specified limits of 0.2 V to 1.5 V.
With an output common-mode voltage of 1.65 V, each ADA4932-1
output swings between 1.4 V and 1.9 V, opposite in phase, provid-
ing a gain of 1 and a 1 V p-p differential signal to the ADC input.
The differential RC section between the ADA4932-1 output and
the ADC provides single-pole low-pass filtering and extra buffering
for the current spikes that are output from the ADC input when its
SHA capacitors are discharged.
The AD9245 is configured for a 1 V p-p full-scale input by
connecting its SENSE pin to VREF, as shown in Figure 67.
ADA4932-1
3.3V
50Ω
499Ω
499Ω
25.5Ω
10kΩ
1%
511Ω
511Ω
33Ω
33Ω
VOCM
2V p-p
SIGNAL
GENERATOR
1V p-p CENTERED
AT GROUND
53.6Ω
0.1µF
0.1µF
10µF
+
0.1µF
0.1µF
10kΩ
1%
20pF
VIN–
AVDD
VIN+ VREF SENSE AGND
AD9245
VOUT, dm = 1V p-p
VOUT, cm = 1.65V
Figure 67. ADA4932-1 Driving an AD9245 ADC with DC-Coupled Input and Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com