Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-1YCPZ-R21 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4932-1YCPZ-R21
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-1YCPZ-R21 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4932-1YCPZ-R21 Datasheet HTML 10Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 11Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 12Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 13Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 14Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 15Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 16Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 17Page - Analog Devices ADA4932-1YCPZ-R21 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. A | Page 14 of 28
–10
–70
–60
–50
–40
–30
–20
1M
1G
100M
10M
FREQUENCY (Hz)
RL, dm = 200Ω
Figure 37. Output Balance vs. Frequency
–60
–50
–40
–30
–20
–10
0
1M
10M
100M
1G
FREQUENCY (Hz)
RL = 200Ω
INPUT SINGLE-ENDED, 50Ω LOAD TERMINATION
OUTPUT DIFFERENTIAL, 100Ω SOURCE TERMINATION
S11: COMMON-MODE-TO-COMMON-MODE
S22: DIFFERENTIAL-TO-DIFFERENTIAL
S11
S22
Figure 38. Return Loss (S11, S22) vs. Frequency
1
10
100
10
100
FREQUENCY (Hz)
1k
10k
100k
1M
Figure 39. Voltage Noise Spectral Density, Referred to Input
80
–80
–60
–40
–20
0
20
40
60
90
–270
–225
–180
–135
–90
–45
0
45
1k
10k
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
GAIN
PHASE
Figure 40. Open-Loop Gain and Phase vs. Frequency
100
10
1
0.1
FREQUENCY (Hz)
100k
1G
100M
10M
1M
Figure 41. Closed-Loop Output Impedance Magnitude vs. Frequency, G = 1
10
8
6
4
2
0
–2
–4
–6
–8
–10
TIME (ns)
0
100
200
300
400
500
600
700
800
900 1000
2 × VIN
VOUT, dm
Figure 42.Overdrive Recovery, G = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com