Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32671L0332 Datasheet(PDF) 12 Page - EPCOS

Part # B32671L0332
Description  Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32671L0332 Datasheet(HTML) 12 Page - EPCOS

Back Button B32671L0332 Datasheet HTML 8Page - EPCOS B32671L0332 Datasheet HTML 9Page - EPCOS B32671L0332 Datasheet HTML 10Page - EPCOS B32671L0332 Datasheet HTML 11Page - EPCOS B32671L0332 Datasheet HTML 12Page - EPCOS B32671L0332 Datasheet HTML 13Page - EPCOS B32671L0332 Datasheet HTML 14Page - EPCOS B32671L0332 Datasheet HTML 15Page - EPCOS B32671L0332 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
k0 values
Lead spacing 10 mm
Type
B32671L
VRMS (V AC)
200
250
500
600
700
VR (V DC)
400
630
1000
1000
1600
2000
CR (nF)
k0 in V2/
µs
1.0
25000000
1.2
14400000
23000000
1.5
14000000
22500000
2.2
13800000
22000000
2.7
13600000
21500000
3.3
9400000
13300000
21000000
3.9
8600000
13100000
20900000
4.7
400000
8200000
12000000
20800000
5.6
7600000
6.2
6800000
6.8
400000
6200000
8.2
5400000
10
400000
5000000
12
4600000
15
200000
400000
22
150000
200000
400000
33
150000
200000
47
150000
200000
56
200000
68
150000
100
150000
B32671L ... B32672L
High V AC, high temperature (wound)
Page 12 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com