Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32671L0332 Datasheet(PDF) 19 Page - EPCOS

Part # B32671L0332
Description  Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32671L0332 Datasheet(HTML) 19 Page - EPCOS

Back Button B32671L0332 Datasheet HTML 15Page - EPCOS B32671L0332 Datasheet HTML 16Page - EPCOS B32671L0332 Datasheet HTML 17Page - EPCOS B32671L0332 Datasheet HTML 18Page - EPCOS B32671L0332 Datasheet HTML 19Page - EPCOS B32671L0332 Datasheet HTML 20Page - EPCOS B32671L0332 Datasheet HTML 21Page - EPCOS B32671L0332 Datasheet HTML 22Page - EPCOS B32671L0332 Datasheet HTML 23Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Operation at overvoltages during heating and ignition of lamps (TA
≤40 °C)
In lighting applications, the capacitors can be subjected to overvoltages during the heating and ig-
nition periods. An overvoltage occurs when the operation voltage exceeds the permissible
AC voltage at the resonant frequency fr.
For a repetitive application of on/off switching pulses (as for example in the life tests applied by
electronic ballast manufacturers), limits have to be imposed on the time periods under overvolt-
age and on the duty cycle, in order to keep the capacitance value within the required margins:
The overvoltage time tOV should be less than 1 sec.
The maximum duty cycle of the overvoltage is given by
where VRMS,ov is the RMS voltage during period tOV
and VRMS is the permissible AC voltage for continuous operation at the resonant frequency fr
(given by the “permissible AC voltage versus frequency f” graphics in theprevious pages).
The drift of capacitance depends on the Vpp attained, and the total time under overvoltage,
which is calculated in hours as follows:
(Ni tOV) / 3600
where Ni is the number of overvoltage impulses and tOV is expressed in seconds.
The maximum drift of capacitance as a function of both parameters is provided graphically in the
following pages.
B32671L ... B32672L
High V AC, high temperature (wound)
Page 19 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com