Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32671L0332 Datasheet(PDF) 13 Page - EPCOS

Part # B32671L0332
Description  Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32671L0332 Datasheet(HTML) 13 Page - EPCOS

Back Button B32671L0332 Datasheet HTML 9Page - EPCOS B32671L0332 Datasheet HTML 10Page - EPCOS B32671L0332 Datasheet HTML 11Page - EPCOS B32671L0332 Datasheet HTML 12Page - EPCOS B32671L0332 Datasheet HTML 13Page - EPCOS B32671L0332 Datasheet HTML 14Page - EPCOS B32671L0332 Datasheet HTML 15Page - EPCOS B32671L0332 Datasheet HTML 16Page - EPCOS B32671L0332 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
k0 values
Lead spacing 15 mm
Type
B32672L
VRMS (V AC)
160
200
250
500
600
700
900
VR (V DC)
250
420
630
1000
1300
1600
2000
2000
CR (nF)
k0 in V2/
µs
0.68
30000000
1.0
20300000 30000000
1.2
19600000 29400000
1.5
19200000 28000000
2.2
18600000 27500000
2.7
18200000 27300000
3.3
18000000 27000000
3.9
16800000 25200000
4.7
15800000 23500000
5.6
13100000 19500000
6.2
11520000
12700000 19000000
6.8
3000000 11200000
12300000 18400000
8.2
9920000
11800000
10
1000000 3000000
8960000
11100000
12
8320000
10600000
15
1000000
7360000
10400000
22
1000000 3000000
6400000
9300000
33
500000 1000000 3000000
5440000
9000000
47
500000 1000000 3000000
4480000
56
68
120000 500000 1000000 3000000
100
120000 500000 1000000
150
100000 120000 500000 1000000
220
100000 120000 500000
330
100000 120000
390
500000
470
100000 120000
680
100000
1000
100000
B32671L ... B32672L
High V AC, high temperature (wound)
Page 13 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com