Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCC10M0G53A-R0 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # CSTCC10M0G53A-R0
Description  MHz Chip Type -Tight Frequency Tolerance for Automotive-
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC10M0G53A-R0 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCC10M0G53A-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
P16E.pdf
Jul.15,2011
Please mount component on a circuit board by re-flow
soldering. Flow soldering is not acceptable.
1. Soldering
(1) Re-flow soldering
Recommendable Flux and Solder
Be compelled to mount component by using soldering
iron, please do not directly touch the component with
soldering iron. The terminals of component or electrical
characteristics may be damaged if excess thermal stress
is applied.
(2) Soldering with Iron
Please make the solder volume less than the height of
the substrate. When exceeding the substrate, the
damage of adhesive for sealing between the metal cap
and the substrate may occur.
(3) Solder Volume
Do not reuse removed component from a circuit board
after soldering.
(4) etc.
The component is recommended with placement
machines with employ optical placement capabilities. The
component might be resulted in damage by excessive
mechanical force. Please make sure that you have
evaluated by using placement machines before going into
mass production. Do not use placement machines which
utilize mechanical positioning. Please contact Murata for
details beforehand.
(5) Condition for Placement Machines
150
180
220
245
260
Gradual
Cooling
Peak
Pre-heating
(150 to 180
°C)
Heating
(220
°C min.)
60 to 120s
30 to 60s
Flux
Solder
Please use rosin based flux,
but do not use water soluble flux.
Recommendable Soldering Profile
Pre-heating
Heating
Peak Temperature
150 to 180
°C
Please use solder (Sn-3.0Ag-0.5Cu) under
the following condition. Standard thickness
of soldering paste: 0.10 to 0.15mm
220
°C min.
upper limit: 260
°C
lower limit: 245
°C
60 to 120s
30 to 60s
1s max.
5s max.
Temperature shall be measured on the surface of component.
Recommendable Soldering with Iron
Heating of the soldering iron
Watt
Shape of the soldering iron
350
°C max.
30W max.
ø3mm max.
5s max. at one terminal
Sn-3.0Ag-0.5Cu
Soldering Time
Solder
Continued on the following page.
HCFC, Isopropanol, Tap water, Demineralized water,
Cleanthrough750H, Pine alpha 100S, Techno care FRW
2. Wash
(1) Cleaning Solvents
s Soldering and Mounting (CSTCC/CSTCR/CSTCE_V/CSTCE_G Series)
Notice for Automotive
12
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com