Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCC10M0G53A-R0 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # CSTCC10M0G53A-R0
Description  MHz Chip Type -Tight Frequency Tolerance for Automotive-
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC10M0G53A-R0 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCC10M0G53A-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
P16E.pdf
Jul.15,2011
Conformal coating of the component is acceptable.
However, the resin material, curing temperature, and
other process conditions should be evaluated to confirm
stable electrical characteristics are maintained.
3. Coating
Continued from the preceding page.
dT
V60°C (dT=Component-solvent)
*1 ex. In case the component at +90
°C immerses into
cleaning solvent at +60
°C, then dT=30°C.
(2) Temperature Difference : dT *1
5 minutes max. by air blow at +80
°C max.
(4) Drying
(a) Total washing time should be within 10 minutes.
(b) The component may be damaged if it is washed with
chlorine, petroleum, or alkali cleaning solvent.
(5) Others
(a) Ultrasonic Wash
1 minute max. in above solvent at +60
°C max.
(Frequency: 28kHz, Output: 20W/l)
(b) Immersion Wash
5 minutes max. in above solvent at +60
°C max.
(c) Shower or Rinse Wash
5 minutes max. in above solvent at +60
°C max.
(3) Conditions
Notice for Automotive
13
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com