Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCC10M0G53A-R0 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # CSTCC10M0G53A-R0
Description  MHz Chip Type -Tight Frequency Tolerance for Automotive-
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC10M0G53A-R0 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCC10M0G53A-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. CSTCC10M0G53A-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
P16E.pdf
Jul.15,2011
Packaging for Automotive
18
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Continued from the preceding page.
s Dimensions of Taping
CSTCE_V13C
Dimensions of Carrier Tape
(in mm)
4.0
±0.1
Cover Film
4.0
±0.1
2.0
±0.05
ø1.5
+0.1
-0.0
ø1.0
+0.1
-0.0
+0.10
-0.05
Direction of Feed
(3˚)
1.50
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
10˚
CSTCC_G_A
(in mm)
4.0
±0.1
2.0
±0.05
+0.3
-0.0
ø1.55
±0.05
ø1.5
4.0
±0.1
3.3
±0.1
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
Cover Film
10˚
(3˚)
Direction of Feed
Frequency Range
∗1, ∗2: Dimensions vary with frequency range of CERALOCKr.
2.00–2.99MHz
3.00–3.99MHz
1.85
±0.05
2.45 max.
1.65
±0.05
2.25 max.
t1
∗1
t2
∗2
CSTCR_G_B
(in mm)
4.0
±0.1
2.0
±0.05
4.0
±0.1
ø1.5
+0.1
-0
ø1.5
+0.1
-0
2.2
±0.1
Direction of Feed
(3˚)
10˚
Cover Film
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
CSTCE_G_A
(in mm)
2.0
±0.05
4.0
±0.1
(3˚)
10
°
Cover Film
Direction of Feed
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
4.0
±0.1
ø1.5 -0.0
+0.1
ø1.0 -0.0
+0.2
1.50 -0.05
+0.10
CSTCE_V_C
Dimensions of Carrier Tape
(in mm)
4.0
±0.1
Cover Film
4.0
±0.1
2.0
±0.05
ø1.5
+0.1
-0.0
ø1.0
+0.1
-0.0
+0.10
-0.05
Direction of Feed
(3˚)
1.50
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
10˚
CSTCV_X_Q
(in mm)
Thickness of CERALOCKr
∗1, ∗2: Dimensions vary with product thickness of CERALOCKr.
Cover Film
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
Direction of Feed
1.50–1.40
1.30–1.20
1.10–1.00
t1
∗1
t2
∗2
1.65
±0.1
2.0 max.
1.45
±0.1
1.8 max.
1.2
±0.1
1.5 max.
4.0
±0.1
10
°
2.0
±0.1
+0.1
–0.0
ø1.5
+0.2
–0.0
ø1.5
(3˚)
4.0
±0.1
+0.1
–0.05
3.35
CSACV_X_Q
(in mm)
Thickness of CERALOCKr
∗1, ∗2: Dimensions vary with product thickness of CERALOCKr.
Cover Film
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
Direction of Feed
1.50–1.40
1.30–1.20
1.10–1.00
t1
∗1
t2
∗2
1.65
±0.1
2.0 max.
1.45
±0.1
1.8 max.
1.2
±0.1
1.5 max.
4.0
±0.1
10
°
2.0
±0.1
+0.1
–0.0
ø1.5
+0.2
–0.0
ø1.5
(3˚)
4.0
±0.1
+0.1
–0.05
3.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com