Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC-4627JS Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTC-4627JS
Description  0.4inch (10.0mm) DIGIT HEIGHT.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-4627JS Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTC-4627JS Datasheet HTML 1Page - Lite-On Technology Corporation LTC-4627JS Datasheet HTML 2Page - Lite-On Technology Corporation LTC-4627JS Datasheet HTML 3Page - Lite-On Technology Corporation LTC-4627JS Datasheet HTML 4Page - Lite-On Technology Corporation LTC-4627JS Datasheet HTML 5Page - Lite-On Technology Corporation LTC-4627JS Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-4627JS
PAGE:
5 of 5
BNS-OD-C131/A4
ABSOLUTE MAXIMUM RATING AT Ta=25
oC
PARAMETER
MAXIMUM RATING
UNIT
Power Dissipation Per Segment
40
mW
Peak Forward Current Per Segment
( 1/10 Duty Cycle, 0.1ms Pulse Width )
60
mA
Continuous Forward Current Per Segment
Derating Linear From 25℃ Per Segment
25
0.33
mA
mA/℃
Reverse Voltage Per Segment
5
V
Operating Temperature Range
-35℃ to +85℃
Storage Temperature Range
-35℃ to +85℃
Solder Temperature: max 260℃ for max 3sec at 1.6mm below seating plane.
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta=25
oC
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT TEST CONDITION
Average Luminous Intensity
IV
200
650
µcd
IF=1mA
Peak Emission Wavelength
λp
588
nm
IF=20mA
Spectral Line Half-Width
∆λ
15
nm
IF=20mA
Dominant Wavelength
λd
587
nm
IF=20mA
Forward Voltage Per Segment
VF
2.05
2.6
V
IF=20mA
Reverse Current Per Segment
IR
100
µA
VR=5V
Luminous Intensity Matching Ratio
IV-m
2:1
IF=1mA
Note: Luminous intensity is measured with a light sensor and filter combination that
approximates the CIE (Commision Internationale De L’Eclairage) eye-response curve.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com