Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC-4627JS Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTC-4627JS
Description  0.4inch (10.0mm) DIGIT HEIGHT.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-4627JS Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTC-4627JS Datasheet HTML 1Page - Lite-On Technology Corporation LTC-4627JS Datasheet HTML 2Page - Lite-On Technology Corporation LTC-4627JS Datasheet HTML 3Page - Lite-On Technology Corporation LTC-4627JS Datasheet HTML 4Page - Lite-On Technology Corporation LTC-4627JS Datasheet HTML 5Page - Lite-On Technology Corporation LTC-4627JS Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-4627JS
PAGE:
1 of 5
BNS-OD-C131/A4
FEATURES
*0.4inch (10.0mm) DIGIT HEIGHT.
*CONTINUOUS UNIFORM SEGMENTS.
*LOW POWER REQUIREMENT.
*EXCELLENT CHARACTERS APPEARANCE.
*HIGH BRIGHTNESS & HIGH CONTRAST.
*WIDE VIEWING ANGLE.
*SOLID STATE RELIABILITY.
*CATEGORIZED FOR LUMINOUS INTENSITY.
DESCRIPTION
The LTC-4627JS is a 0.4 inch (10.0 mm) digit height quadruple
digit seven-segment display. This device utilizes AlInGaP yellow
LED chips, which are made from AlInGaP on a non-transparent
GaAs substrate, and has a gray face and white segments.
DEVICE
PART NO.
DESCRIPTION
AlInGaP Yellow
LTC-4627JS
Multiplex Common Anode
Rt. Hand Decimal


Similar Part No. - LTC-4627JS

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTC-4627JF LITEON-LTC-4627JF Datasheet
369Kb / 6P
LED Display
LTC-4627JR LITEON-LTC-4627JR Datasheet
143Kb / 5P
The LTC-4627JR is a 0.4 inch 10.0mm digit height quadruple digit seven-segment display
LTC-4627JR1 LITEON-LTC-4627JR1 Datasheet
143Kb / 5P
The LTC-4627JR is a 0.4 inch 10.0mm digit height quadruple digit seven-segment display
LTC-4627JR2 LITEON-LTC-4627JR2 Datasheet
143Kb / 5P
The LTC-4627JR is a 0.4 inch 10.0mm digit height quadruple digit seven-segment display
LTC-4627JR3 LITEON-LTC-4627JR3 Datasheet
143Kb / 5P
The LTC-4627JR is a 0.4 inch 10.0mm digit height quadruple digit seven-segment display
More results

Similar Description - LTC-4627JS

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LSHD-F101 LITEON-LSHD-F101 Datasheet
124Kb / 5P
0.39 inch (10.0mm) digit height single-digit display
logo
Ningbo Foryard Optoelec...
FYQ-4041AX-00 FORYARD-FYQ-4041AX-00 Datasheet
382Kb / 5P
0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041CX-00 FORYARD-FYQ-4041CX-00 Datasheet
380Kb / 5P
0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041IX-00 FORYARD-FYQ-4041IX-00 Datasheet
368Kb / 5P
0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4042AX-00 FORYARD-FYQ-4042AX-00 Datasheet
386Kb / 5P
0.4Inch (10.16mm) digit height Four Digits Display
logo
List of Unclassifed Man...
QBT40R1 ETC1-QBT40R1 Datasheet
620Kb / 12P
0.4inch Three Digit Display
logo
Lite-On Technology Corp...
LTC-4624JR LITEON-LTC-4624JR Datasheet
144Kb / 5P
0.4 inch (10.0mm) DIGIT HEIGHT
LTC-4724JF LITEON-LTC-4724JF Datasheet
140Kb / 5P
0.4 inch (10.0mm) DIGIT HEIGHT
LTC-4727JF LITEON-LTC-4727JF Datasheet
147Kb / 5P
0.4 inch (10.0mm) DIGIT HEIGHT
LTC-4727JS LITEON-LTC-4727JS Datasheet
147Kb / 5P
0.4 inch (10.0mm) DIGIT HEIGHT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com