Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC-4627JS Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTC-4627JS
Description  0.4inch (10.0mm) DIGIT HEIGHT.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-4627JS Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTC-4627JS Datasheet HTML 1Page - Lite-On Technology Corporation LTC-4627JS Datasheet HTML 2Page - Lite-On Technology Corporation LTC-4627JS Datasheet HTML 3Page - Lite-On Technology Corporation LTC-4627JS Datasheet HTML 4Page - Lite-On Technology Corporation LTC-4627JS Datasheet HTML 5Page - Lite-On Technology Corporation LTC-4627JS Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-4627JS
PAGE:
4 of 5
BNS-OD-C131/A4
PIN CONNECTION
NO
CONNECTION
1
COMMON ANODE DIGIT 1
2
COMMON ANODE DIGIT 2
3
CATHODE
D
4
COMMON ANODE L1,L2,L3
5
CATHODE
E
6
COMMON ANODE DIGIT 3
7
CATHODE
DP
8
COMMON ANODE DIGIT 4
9
NO CONNECTION
10
NO PIN
11
CATHODE
F
12
NO PIN
13
CATHODE
C,L3
14
CATHODE
A,L1
15
CATHODE
G
16
CATHODE
B,L2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com