Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-CB37-RU0DD Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CB37-RU0DD
Description  T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB37-RU0DD Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CB37-RU0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Recommended Wave Soldering Profile
Ammo Packs Drawing
10
LAMINAR WAVE
BOTTOM SIDE
OF PC BOARD
HOT AIR KNIFE
TURBULENT WAVE
FLUXING
PREHEAT
0
10 20
30
50
100
150
200
250
30 40 50
TIME – SECONDS
60 70 80 90 100
TOP SIDE OF
PC BOARD
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150°C (100°C PCB)
SOLDER WAVE TEMPERATURE = 245°C ± 5°C
AIR KNIFE AIR TEMPERATURE = 390°C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40°
SOLDER: SN63; FLUX: RMA
LEAD-FREE SOLDER: 96.5% Sn; 3% Ag; 0.5% Cu
NOTE: ALLOW FOR BOARDS TO BE
SUFFICIENTLY COOLED BEFORE
EXERTING MECHANICAL FORCE.
18.00
±0.50
(0.7087
±0.0197)
6.35
±1.30
(0.25
±0.0512)
12.70
±1.00
(0.50
±0.0394)
9.125
±0.625
(0.3593
±0.0246)
12.70
±0.30
(0.50
±0.0118)
CATHODE
0.70
±0.20
(0.0276
±0.0079)
20.50
±1.00
(0.807
±0.039)
A
A
VIEWA–A
∅ 4.00±0.20
(0.1575
±0.008)
TYP.
ALLDIMENSIONSINMILLIMETERS(INCHES).
NOTE:THEAMMO-PACKSDRAWINGISAPPLICABLEFORPACKAGINGOPTION-DD&-ZZANDREGARDLESSOFSTANDOFFORNON-STANDOFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com