Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-CB37-RU0DD Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CB37-RU0DD
Description  T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB37-RU0DD Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CB37-RU0DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image

Package Dimensions
Package A
Package B
1.14
±0.20
(0.045
±0.008)
5.80
±0.20
(0.228
±0.008)
4.90
±0.20
(0.193
±0.008)
31.60
(1.244)
MIN.
0.70(0.028)
MAX.
8.61
±0.20
(0.339
±0.008)
2.54
±0.38
(0.100
±0.015)
∅
CATHODE
LEAD
2.35(0.093)
MAX.
CATHODE
FLAT
5.80
±0.20
(0.228
±0.008)
2.54
±0.38
(0.100
±0.015)
∅
CATHODE
FLAT
1.14
±0.20
(0.045
±0.008)
NOTE1
4.90
±0.20
(0.192
±0.008)
31.60
(1.244)
MIN.
0.70(0.028)
MAX.
1.50
±0.15
(0.059
±0.006)
1.00
(0.039)
MIN.
8.61
±0.20
(0.339
±0.008)
DIMENSIONH
0.50
±0.10
(0.020
±0.004)
SQ.TYP.
NOTES:
1.MEASUREDJUSTABOVEFLANGE.
2.ALLDIMENSIONSAREINMILLIMETERS(INCHES).
3.EPOXYMENISCUSMAYEXTENDABOUT1mm(0.040")DOWNTHELEADS.
4.IFHEATSINKINGAPPLICATIONISREQUIRED,THETERMINALFORHEATSINKISANODE.
DIMENSIONH:
15
°=10.80±0.25mm(0.425±0.01INCH)
23
°=10.00±0.25mm(0.394±0.01INCH)
30
°=11.27±0.25mm(0.444±0.01INCH)
CATHODE
LEAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com