Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-CB37-RU0DD Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CB37-RU0DD
Description  T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB37-RU0DD Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CB37-RU0DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB37-RU0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Absolute Maximum Rating at TA = 25°C
Parameters
Value
Unit
DCForwardCurrent[1]
0
mA
PeakPulsedForwardCurrent[]
100
mA
PowerDissipation
116
mW
LEDJunctionTemperature
10
°C
OperatingTemperatureRange
–40to+85
°C
StorageTemperatureRange
–40to+100
°C
Notes:
1. DeratelinearlyasshowninFigure.
. Dutyfactor10%,frequency1KHz.
Electrical/Optical Characteristics
TA = 25oC
Blue
Green
Cyan
Parameters
Symbol
Min. Typ. Max. Min. Typ. Max. Min.Typ. Max. Units TestCondition
ForwardVoltage
VF
. .85
. .85
. .85
V
IF=0mA
ReverseVoltage[1]
VR
5.0
5.0
5.0
V
IR=10µA
ThermalResistance RqJ-PIN
40
40
40
oC/W LEDJunctionto
AnodeLead
Dominant
ld
460 470 480
50 55 540
490 505 508
nm
IF=0mA
Wavelength[]
PeakWavelength
lPEAK
464
516
501
nm
PeakofWavelength
ofSpectralDistribu-
tionatIF=0mA
SpectralHalfWidth
Dl1/


0
nm
WavelengthWidth
atSpectralDistribu-
tionPowerPoint
atIF=0mA
LuminousEfficacy[] hv
74
484
19
lm/W EmittedLuminous
Power/Emitted
RadiantPower
Notes:
1. ThereversevoltageoftheproductisequivalenttotheforwardvoltageoftheprotectivechipatIR=10µA.
. Thedominantwavelength,ld,isderivedfromtheChromaticityDiagramandrepresentsthecolorofthelamp.
. Theradiantintensity,Ieinwatts/steradian,maybefoundfromtheequationIe=Iv/hv,whereIvistheluminousintensityincandelasandhvisthelumi-
nousefficacyinlumens/watt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com