Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337H/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM337H/NOPB
Description  3-Terminal Adjustable Negative Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337H/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM337H/NOPB Datasheet HTML 1Page - Texas Instruments LM337H/NOPB Datasheet HTML 2Page - Texas Instruments LM337H/NOPB Datasheet HTML 3Page - Texas Instruments LM337H/NOPB Datasheet HTML 4Page - Texas Instruments LM337H/NOPB Datasheet HTML 5Page - Texas Instruments LM337H/NOPB Datasheet HTML 6Page - Texas Instruments LM337H/NOPB Datasheet HTML 7Page - Texas Instruments LM337H/NOPB Datasheet HTML 8Page - Texas Instruments LM337H/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM137, LM337-N
SNVS778D – MAY 1999 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (continued)
Parameter
Conditions
LM137
LM337
Units
Min
Typ
Max
Min
Typ
Max
Current Limit
|VIN − VOUT| ≤ 15V
K, DCY and NDE Package
1.5
2.2
3.5
1.5
2.2
3.7
A
NDT Package
0.5
0.8
1.8
0.5
0.8
1.9
A
|VIN − VOUT| = 40V, Tj = 25°C
K, DCY and NDE Package
0.24
0.4
0.15
0.4
A
NDT Package
0.15
0.17
0.10
0.17
A
RMS Output Noise, % of VOUT
Tj = 25°C, 10 Hz ≤ f ≤ 10 kHz
0.003
0.003
%
Ripple Rejection Ratio
VOUT = −10V, f = 120 Hz
60
60
dB
CADJ = 10 μF
66
77
66
77
dB
Long-Term Stability
Tj = 125°C, 1000 Hours
0.3
1
0.3
1
%
Thermal Resistance, Junction to
NDT Package
12
15
12
15
°C/W
Case
K Package
2.3
3
2.3
3
°C/W
NDE Package
4
°C/W
Thermal Resistance, Junction to
NDT Package
140
140
°C/W
Ambient (No Heat Sink)
K Package
35
35
°C/W
NDE Package
50
°C/W
DCY Package
170
°C/W
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM137 LM337-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com