Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337H/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM337H/NOPB
Description  3-Terminal Adjustable Negative Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337H/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM337H/NOPB Datasheet HTML 2Page - Texas Instruments LM337H/NOPB Datasheet HTML 3Page - Texas Instruments LM337H/NOPB Datasheet HTML 4Page - Texas Instruments LM337H/NOPB Datasheet HTML 5Page - Texas Instruments LM337H/NOPB Datasheet HTML 6Page - Texas Instruments LM337H/NOPB Datasheet HTML 7Page - Texas Instruments LM337H/NOPB Datasheet HTML 8Page - Texas Instruments LM337H/NOPB Datasheet HTML 9Page - Texas Instruments LM337H/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LM137, LM337-N
SNVS778D – MAY 1999 – REVISED APRIL 2013
www.ti.com
LM137, VOUT = −10V
VIN − VOUT = −40V
IIL = 0A → 0.25A → 0A
Vertical sensitivity, 5 mV/div
Figure 3.
In Figure 3, a typical LM137's output drifts only 3 mV (or 0.03% of VOUT = −10V) when a 10W pulse is applied for
10 ms. This performance is thus well inside the specification limit of 0.02%/W × 10W = 0.2% max. When the
10W pulse is ended, the thermal regulation again shows a 3 mV step at the LM137 chip cools off. Note that the
load regulation error of about 8 mV (0.08%) is additional to the thermal regulation error. In Figure 4, when the
10W pulse is applied for 100 ms, the output drifts only slightly beyond the drift in the first 10 ms, and the thermal
error stays well within 0.1% (10 mV).
LM137, VOUT = −10V
VIN − VOUT = −40V
IL = 0A → 0.25A → 0A
Horizontal sensitivity, 20 ms/div
Figure 4.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM137 LM337-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com