Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337H/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM337H/NOPB
Description  3-Terminal Adjustable Negative Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337H/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM337H/NOPB Datasheet HTML 5Page - Texas Instruments LM337H/NOPB Datasheet HTML 6Page - Texas Instruments LM337H/NOPB Datasheet HTML 7Page - Texas Instruments LM337H/NOPB Datasheet HTML 8Page - Texas Instruments LM337H/NOPB Datasheet HTML 9Page - Texas Instruments LM337H/NOPB Datasheet HTML 10Page - Texas Instruments LM337H/NOPB Datasheet HTML 11Page - Texas Instruments LM337H/NOPB Datasheet HTML 12Page - Texas Instruments LM337H/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LM137, LM337-N
www.ti.com
SNVS778D – MAY 1999 – REVISED APRIL 2013
Typical Applications
Figure 11. Adjustable Lab Voltage Regulator
Full output current not available
at high input-output voltages
*The 10
μF capacitors are optional to improve ripple rejection
Figure 12. Current Regulator
Figure 13. Negative Regulator with Protection Diodes
*When CL is larger than 20 μF, D1 protects the LM137 in case the input supply is shorted
**When C2 is larger than 10
μF and −VOUT is larger than −25V, D2 protects the LM137 in case the output is shorted
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM137 LM337-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com