Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1453CPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL1453CPWR
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL1453CPWR Datasheet(HTML) 2 Page - Texas Instruments

  TL1453CPWR Datasheet HTML 1Page - Texas Instruments TL1453CPWR Datasheet HTML 2Page - Texas Instruments TL1453CPWR Datasheet HTML 3Page - Texas Instruments TL1453CPWR Datasheet HTML 4Page - Texas Instruments TL1453CPWR Datasheet HTML 5Page - Texas Instruments TL1453CPWR Datasheet HTML 6Page - Texas Instruments TL1453CPWR Datasheet HTML 7Page - Texas Instruments TL1453CPWR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TL1453C
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS039A – FEBRUARY 1990 – REVISED DECEMBER 1990
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
41 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Amplifier input voltage
20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector output voltage
51 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector output current
21 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–20
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: All voltage values are with respect to network ground terminal.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 85°C
POWER RATING
N
1000 mW
8 mW/
°C
520 mW
NS
725 mW
5.8 mW/
°C
397 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC
3.6
40
V
Amplifier input voltage, VI
1.05
1.45
V
Collector output voltage, VO
50
V
Collector output current
20
mA
Current into feedback terminal
45
µA
Feedback resistor, RF
100
k
Ω
Timing capacitor, CT
150
15000
pF
Timing resistor, RT
5.1
100
k
Ω
Oscillator frequency
1
500
kHz
Operating free-air temperature, TA
–20
85
°C
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
f = 200 kHz (unless otherwise noted)
reference section
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output voltage (pin 16)
IO = 1 mA
2.4
2.5
2.6
V
Output voltage change with temperature
TA = – 20°C to 25°C
– 0.1%
±1%
Output voltage change with temperature
TA = 25°C to 85°C
– 0.2%
±1%
Input regulation
VCC = 3.6 V to 40 V
2
12.5
mV
Output regulation
IO = 0.1 mA to 1 mA
1
7.5
mV
Short-circuit output current
VO = 0
3
10
30
mA
† All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com