Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1453CPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL1453CPWR
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL1453CPWR Datasheet(HTML) 1 Page - Texas Instruments

  TL1453CPWR Datasheet HTML 1Page - Texas Instruments TL1453CPWR Datasheet HTML 2Page - Texas Instruments TL1453CPWR Datasheet HTML 3Page - Texas Instruments TL1453CPWR Datasheet HTML 4Page - Texas Instruments TL1453CPWR Datasheet HTML 5Page - Texas Instruments TL1453CPWR Datasheet HTML 6Page - Texas Instruments TL1453CPWR Datasheet HTML 7Page - Texas Instruments TL1453CPWR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TL1453C
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS039A – FEBRUARY 1990 – REVISED DECEMBER 1990
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Complete PWM Power Control Circuitry
D Completely Synchronized Operation
D Internal Undervoltage Lockout Protection
D Wide Supply Voltage Range
D Oscillator Frequency... 500 kHz Max
D Variable Dead Time Provides Control
Over Total Range
D Internal Regulator Provides a Stable 2.5-V
Reference Supply
description
The TL1453C incorporates the functions required in the construction of two pulse-width-modulation control
circuits on a single monolithic chip. Designed primarily for power supply control, the TL1453C contains an
on-chip 2.5-V regulator, two error amplifiers, an adjustable oscillator, two dead-time comparators, undervoltage
lockout circuitry, and dual common-emitter output transistor circuits.
The uncommitted output transistors provide common-emitter output capability for each controller. The internal
amplifiers exhibit a common-mode voltage range from 1.05 V to 1.45 V. The dead-time control comparator has
no offset unless externally altered and may be used to provide 0% to 100% dead time. The on-chip oscillator
may be operated by terminating RT (pin 2) and CT (pin 1). During low-VCC conditions, the undervoltage lockout
control circuit feature inhibits the output until the internal circuitry is operational.
The TL1453C is characterized for operation from –20
°C to 85°C.
functional block diagram
15
13
14
12
5
4
3
16
SCP
2 IN–
2 IN+
2 FEEDBACK
1 FEEDBACK
1 IN–
1 IN+
REF
GND
8
1 DEAD-TIME CONTROL
2 DEAD-TIME CONTROL
2.5 V
2.5 V
UVLO†
11
6
2 OUTPUT
1 OUTPUT
10
7
PWM Comparator 2
PWM Comparator 1
Error Amp.2
1.4 V
2 V
Oscillator
Triangle
Error Amp.1
2.5 V
Voltage
Reference
Vref = 2.5 V
VCC
12
CT
RT
2
9
1
† UVLO = Undervoltage Lockout Protection
Copyright
© 1990, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CT
RT
ERROR
IN+
AMPLIFIER 1 IN–
1 FEEDBACK
1 DEAD-TIME CONTROL
1 OUTPUT
GND
REF
SCP
IN+
ERROR
IN– AMPLIFIER 2
2 FEEDBACK
2 DEAD-TIME CONTROL
2 OUTPUT
VCC
N OR NS PACKAGE
(T0P VIEW)
{
}


Similar Part No. - TL1453CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1453CPWR TI2-TL1453CPWR Datasheet
206Kb / 10P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
REVISED DECEMBER 1990
TL1453CPWR.A TI2-TL1453CPWR.A Datasheet
206Kb / 10P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
REVISED DECEMBER 1990
More results

Similar Description - TL1453CPWR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL1453C TI-TL1453C Datasheet
116Kb / 7P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5002 TI-TL5002 Datasheet
233Kb / 14P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594 Datasheet
418Kb / 16P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
Pulse-Width-Modulation Control Circuit
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com