Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1453CPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL1453CPWR
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL1453CPWR Datasheet(HTML) 4 Page - Texas Instruments

  TL1453CPWR Datasheet HTML 1Page - Texas Instruments TL1453CPWR Datasheet HTML 2Page - Texas Instruments TL1453CPWR Datasheet HTML 3Page - Texas Instruments TL1453CPWR Datasheet HTML 4Page - Texas Instruments TL1453CPWR Datasheet HTML 5Page - Texas Instruments TL1453CPWR Datasheet HTML 6Page - Texas Instruments TL1453CPWR Datasheet HTML 7Page - Texas Instruments TL1453CPWR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TL1453C
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS039A – FEBRUARY 1990 – REVISED DECEMBER 1990
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
f = 200 kHz (unless otherwise noted) (continued)
pwm comparator section
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input threshold voltage atf=10kHz (pins 5 and 12)
Zero duty cycle
2.05
2.25
V
Input threshold voltage at f = 10 kHz (pins 5 and 12)
Maximum duty cycle
1.2
1.45
V
Input (sink) current (pins 5 and 12)
VI = 1.25 V
0.5
1.6
mA
Input (source) current (pins 5 and 12)
VI = 1.25 V
–45
–70
µA
total device
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Standby supply current
Off-state
1.3
1.8
mA
Average supply current
RT = 10 kΩ
1.7
2.4
mA
† All typical values are at TA = 25°C.
test circuit
0.1
µF
OUTPUT 1
OUTPUT 2
9
10
11
12
13
14
15
16
2 OUTPUT
CONTROL
2 DEAD-TIME
2 FEEDBACK
IN–2
IN+2
SCP
REF
GND
1 OUTPUT
CONTROL
1 DEAD-TIME
1 FEEDBACK
IN–1
IN+1
8
7
6
5
4
3
2
1
INPUT
TEST
INPUT
TEST
RT
CT
RT
VCC
VCC
RL
RL
TL1453C
CT
330 pF
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com