Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB81BA3IPFPEP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3IPFPEP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3IPFPEP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSB81BA3IPFPEP Datasheet HTML 17Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 18Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 19Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 20Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 21Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 22Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 23Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 24Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
TSB81BA3EP
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS194A − SEPTEMBER 2003 − REVISED JULY 2005
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
power-class programming
The PC0−PC2 terminals are programmed to set the default value of the power-class indicated in the pwr field
(bits 21−23) of the transmitted self-ID packet. Descriptions of the various power-classes are given in Table 9.
The default power-class value is loaded following a hardware reset, but is overridden by any value subsequently
loaded into the Pwr_Class field in register 4.
Table 9. Power Class Descriptions
PC0−PC2
DESCRIPTION
000
Node does not need power and does not repeat power.
001
Node is self-powered and provides a minimum of 15 W to the bus.
010
Node is self-powered and provides a minimum of 30 W to the bus.
011
Node is self-powered and provides a minimum of 45 W to the bus.
100
Node may be powered from the bus and is using up to 3 W, no additional power is needed to enable the link. The node may also
provide power to the bus. The amount of bus power that it provides can be found in the configuration ROM.
101
Reserved for future standardization.
110
Node is powered from the bus and uses up to 3 W. An additional 3 W is needed to enable the link.
111
Node is powered from the bus and uses up to 3 W. An additional 7 W is needed to enable the link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com