Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB81BA3IPFPEP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3IPFPEP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3IPFPEP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSB81BA3IPFPEP Datasheet HTML 3Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 4Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 5Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 6Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 7Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 8Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 9Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 10Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
TSB81BA3EP
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS194A − SEPTEMBER 2003 − REVISED JULY 2005
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
NO.
I/O
DESCRIPTION
AGND
Supply
21, 40, 43,
50, 61, 62
−
Analog circuit ground terminals. These terminals must be tied together to the low-impedance
circuit board ground plane.
AVDD−3.3
Supply
24, 39, 44,
51, 57, 63
−
Analog circuit power terminals. A combination of high-frequency decoupling capacitors near each
terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. These supply terminals are separated from the
PLLVDD-CORE, PLLVDD-3.3, DVDD-CORE, and DVDD-3.3 terminals internal to the device to
provide noise isolation. The PLLVDD-3.3, AVDD-3.3, and DVDD-3.3 terminals must be tied
together with a low dc impedance connection on the circuit board.
BMODE
CMOS
74
I
Beta-mode input. This terminal determines the PHY-link interface connection protocol. When
logic high (asserted), the PHY-link interface complies with the P1394b revision 1.33 standard B
PHY-link interface. When logic low (deassered), the PHY-link interface complies with the legacy
1394a−2000 standard. When using a LLC such as the 1394b TSB82AA2, this terminal must be
pulled high. When using a LLC such as the 1394a−2000 TSB12LV26, this terminal must be tied
low.
NOTE: The PHY-link interface cannot be changed between the different protocols during
operation.
CNA
CMOS
79
O
Cable not active output. This terminal is asserted high when there are no ports receiving incoming
bias voltage. When any port receives bias, this terminal goes low.
CPS
CMOS
34
I
Cable power status input. This terminal is normally connected to cable power through a 400-k
Ω
resistor. This circuit drives an internal comparator that detects the presence of cable power. This
transition from cable power sensed to cable power not sensed may be used to generate an
interrupt to the LLC.
CTL0
CTL1
CMOS
9
10
I/O
Control I/Os. These bidirectional signals control communication between the TSB81BA3 and the
LLC. Bus holders are built into these terminals.
D0−D7
CMOS
11, 12, 13,
15, 16, 17,
19, 20
I/O
Data I/Os. These are bidirectional data signals between the TSB82BA3 and the LLC. Bus holders
are built into these terminals.
DGND
Supply
4, 14, 38,
64, 72, 76
Digital circuit ground terminals. These terminals must be tied together to the low-impedance
circuit board ground plane.
DS0
CMOS
33
I
Data-strobe-only mode for port 0. 1394a-only port 0 enable programming terminal. On hardware
reset, this terminal allows the user to select whether port 0 acts like a 1394b bilingual port (terminal
at logic 0) or as a 1394a−2000-only port (terminal at logic 1). Programming is accomplished by
tying the terminal low through a 1-k
Ω or less resistor (to enable 1394b bilingual mode) or high
through a 1-k
Ω or less resistor (to enable 1394a−2000-only mode). A bus holder is built into this
terminal.
DS1
CMOS
32
I
Data-strobe-only mode for port 1. 1394a-only port 1 enable programming terminal. On hardware
reset, this terminal allows the user to select whether port 1 acts like a 1394b bilingual port (terminal
at logic 0) or as a 1394a−2000-only port (terminal at logic 1). Programming is accomplished by
tying the terminal low through a 1-k
Ω or less resistor (to enable 1394b bilingual mode) or high
through a 1-k
Ω or less resistor (to enable 1394a−2000-only mode). A bus holder is built into this
terminal.
DVDD-CORE
Supply
8, 37, 65,
71
−
Digital 1.95-V circuit power terminals. A combination of high-frequency decoupling capacitors
near each terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. An additional 1-µF
capacitor is required for voltage regulation. These supply terminals are separated from the
DVDD-3.3, PLLVDD-CORE, PLLVDD-3.3, and AVDD-3.3 terminals internal to the device to
provide noise isolation.
DVDD-3.3
Supply
6, 18, 69,
70
−
Digital 3.3-V circuit power terminals. A combination of high-frequency decoupling capacitors near
each terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. Lower frequency 10-µF
filtering capacitors are also recommended. The DVDD-3.3 terminals must be tied together at a
low-impedance point on the circuit board. These supply terminals are separated from the
PLLVDD-CORE, PLLVDD-3.3, DVDD-CORE, and AVDD-3.3 terminals internal to the device to
provide noise isolation. The PLLVDD-3.3, AVDD-3.3, and DVDD-3.3 terminals must be tied
together with a low dc impedance connection on the circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com