Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB81BA3IPFPEP Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3IPFPEP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3IPFPEP Datasheet(HTML) 49 Page - Texas Instruments

Back Button TSB81BA3IPFPEP Datasheet HTML 45Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 46Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 47Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 48Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 49Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 50Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 51Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 52Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
TSB81BA3EP
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS194A − SEPTEMBER 2003 − REVISED JULY 2005
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394B INTERFACE)
receive
When the PHY detects the data-prefix state on the serial bus, it initiates a receive operation by asserting receive
on the CTL terminals and a logic 1 on each of the D terminals (data-on indication). The PHY indicates the start
of a packet by placing the speed code (encoded as shown in Table 35) on the D terminals, followed by packet
data. The PHY holds the CTL terminals in the receive state until the last symbol of the packet has been
transferred. The PHY indicates the end of packet data by asserting idle on the CTL terminals. All received
packets are transferred to the LLC. Note that the speed code is part of the PHY-LLC protocol and is not included
in the calculation of CRC or any other data protection mechanisms.
The PHY may optionally send status information to the LLC at anytime during the data-on indication. Only bus
status transfer information can be sent during a data-on indication. The PHY holds the CTL terminals in the
status state for 1 PCLK cycle and modify the D terminals to the correct status state. Note that the status transfer
during the data-on indication does not need to be preceded or followed by a data-on indication.
It is possible for the PHY to receive a null packet, which consists of the data-prefix state on the serial bus followed
by the data-end state, without any packet data. A null packet is transmitted whenever the packet speed exceeds
the capability of the receiving PHY, or whenever the LLC immediately releases the bus without transmitting any
data. In this case, the PHY asserts receive on the CTL terminals with the data-on indication (all 1s) on the D
terminals, followed by Idle on the CTL terminals, without any speed code or data being transferred. In all cases,
in normal operation, the TSB81BA3 sends at least one data-on indication before sending the speed code or
terminating the receive operation.
The TSB81BA3 also transfers its own self-ID packet, transmitted during the self-ID phase of bus initialization,
to the LLC. This packet it transferred to the LLC just as any other received self-ID packet.
00
00
10
XX
dn
d0
SPD
(a)
(b)
FF (data-on)
D0–D7
CTL0, CTL1
PCLK
(c)
(d)
(e)
NOTE A: SPD = Speed code, see Table 35. d0–dn = Packet data
Figure 24. Normal Packet Reception Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com