Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-2022PCB Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # DF1B-2022PCB
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DF1B-2022PCB Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button DF1B-2022PCB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
B190
DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
Unit: mm
s Single Row Straight Pin Header for Potting
[Specific No.] –* *, (* *)
(05): Tin plated
(25) : Tin plated, tube packaging
K Board Positioning Boss Hole Diameter:Ø1.1+0+0.1
K Board Through-hole Diameter:Ø1.1+0+0.1
B Tube Size
B
Applicable Potting Thickness : 6mm
Potting status
Part Number
CL No.
DF1BD- 2P-2.5DSA(**)
DF1BD- 3P-2.5DSA(**)
DF1BD- 4P-2.5DSA(**)
DF1BD- 5P-2.5DSA(**)
DF1BD- 6P-2.5DSA(**)
DF1BD- 7P-2.5DSA(**)
DF1BD- 8P-2.5DSA(**)
DF1BD- 9P-2.5DSA(**)
DF1BD-10P-2.5DSA(**)
541-0800-3-**
541-0801-6-**
541-0802-9-**
541-0803-1-**
541-0804-4-**
541-0805-7-**
541-0806-0-**
541-0807-2-**
541-0808-5-**
2
3
4
5
6
7
8
9
10
2.5
5
7.5
10
12.5
15
17.5
20
22.5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
64pieces
48
38
32
27
24
21
19
17
Yes
Number of Contacts
A
B
Tube Package Quantity RoHS
Note 1.A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the product per pack.
Note 2.Please order the tube packaging products, multiplying the packaging quantity (pieces).
Note 3.The 2 and 3 contact connector contains the concave portion to prevent miss-insertion in the center at one point, which is
different from the above figure.In addition, the 4 to 7 contacts connectors have two concave portions at both ends.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com